Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD05CSFG Datasheet(PDF) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD05CSFG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD05CSFG Datasheet(HTML) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD05CSFG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CSFG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CSFG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CSFG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CSFG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CSFG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CSFG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CSFG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05CSFG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD10C/05C
34
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25LD10CTEG
1Mbit
SOP8 150mil
GD25LD05CTEG
512Kbit
GD25LD10CSEG
1Mbit
SOP8 208mil
GD25LD05CSEG
512Kbit
GD25LD10COEG
1Mbit
TSSOP8 173mil
GD25LD05COEG
512Kbit
GD25LD10CPEG
1Mbit
DIP8 300mil
GD25LD05CPEG
512Kbit
GD25LD10CKEG
1Mbit
USON8 (1.5x1.5mm)
GD25LD05CKEG
512Kbit
GD25LD10CEEG
1Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LD05CEEG
512Kbit
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LD10CTFG
1Mbit
SOP8 150mil
GD25LD05CTFG
512Kbit
GD25LD10CSFG
1Mbit
SOP8 208mil
GD25LD05CSFG
512Kbit
GD25LD10COFG
1Mbit
TSSOP8 173mil
GD25LD05COFG
512Kbit
GD25LD10CPFG
1Mbit
DIP8 300mil
GD25LD05CPFG
512Kbit
GD25LD10CKFG
1Mbit
USON8 (1.5x1.5mm)
GD25LD05CKFG
512Kbit
GD25LD10CEFG
1Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LD05CEFG
512Kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com