Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB6284 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SB6284
Description  High Efficiency 1.2MHz 2A Step Up Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SB6284 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SB6284 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SB6284 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SB6284
IN, EN voltages ………..….…… -0.3V to 26V
Operating Temperature….... -40°C to +85°C
FB Voltages ................................-0.3V to 6V
Junction Temperature ………………...160°C
SW Voltage ……………………..-0.3V to 30V
Storage Temperature Range -65°C to 150°C
Peak SW Sink and Source Current ………4A
Lead Temperature (Soldering, 10s) ...+300°C
PACKAGE/ORDER INFORMATION
3
1
2
4
6
SOT23-5
IN
GND
FB
SW
EN
(MT3540)
5
NC
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the
power inductor and output rectifier to SW. SW can swing between GND and 28V.
2
GND
Ground Pin
3
FB
Feedback Input. The FB voltage is 0.6V. Connect a resistor divider to FB.
4
EN
Regulator On/Off Control Input. A high input at EN turns on the converter, and a
low input turns it off. When not used, connect EN to the input supply for automatic
startup.
5
IN
Input Supply Pin. Must be locally bypassed.
6
NC
NC
ABSOLUTE MAXIMUM RATINGS
2
SOT23-6
(
)
www.shouding.net
Shouding
SB6284
SB6284
SD.15



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com