Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU6047BL-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UU6047BL-S08-R
Description  REAR WINDOW HEATING TIMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU6047BL-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UU6047BL-S08-R Datasheet HTML 1Page - Unisonic Technologies UU6047BL-S08-R Datasheet HTML 2Page - Unisonic Technologies UU6047BL-S08-R Datasheet HTML 3Page - Unisonic Technologies UU6047BL-S08-R Datasheet HTML 4Page - Unisonic Technologies UU6047BL-S08-R Datasheet HTML 5Page - Unisonic Technologies UU6047BL-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UU6047B
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R106-011.b
REAR WINDOW HEATING
TIMER
DESCRIPTION
The bipolar integrated circuit UTC UU6047B is designed as a
window heating timer. Due to time controlled functions, they
reduce the current consumptions of high loads i.e., heating
resistors.
An ON-relay can be switched off after a preset delay time. The
relay time can be interrupted manually, whereas a retrigger
function is not provided.
FEATURES
* Delay time range: 3.7s to 20h
* Relay driver with Z-diode
* RC oscillator determines switching characteristics
* Debounced input for toggle switch
* Two debounced inputs: ON and OFF
* Load-dump protection
* RF interference protected
* Inputs switched to ground
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UU6047BL-D08-T
UU6047BG-D08-T
DIP-8
Tube
UU6047BL-S08-R
UU6047BG-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


Similar Part No. - UU6047BL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU6047BL-D08-T UTC-UU6047BL-D08-T Datasheet
222Kb / 6P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - UU6047BL-S08-R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
DIGITAL WINDOW WATCHDOG TIMER
logo
TEMIC Semiconductors
U5020M TEMIC-U5020M Datasheet
108Kb / 8P
Digital Window Watchdog Timer
U6046B TEMIC-U6046B Datasheet
160Kb / 11P
Rear Window Heating Timer
logo
ATMEL Corporation
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
DIGITAL WINDOW WATCHDOG TIMER
U6046B ATMEL-U6046B Datasheet
247Kb / 13P
REAR WINDOW HEATING TIMER / LONG-TERM TIMER
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
REAR WINDOW HEATING TIMER / LONG-TERM TIMER
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
Digital Window Watchdog Timer
logo
Texas Instruments
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
logo
Unisonic Technologies
UU6046B UTC-UU6046B Datasheet
210Kb / 6P
REAR WINDOW HEATING TIMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com