Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC595AL-R16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U74HC595AL-R16-R
Description  8-BIT SERIAL-IN SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC595AL-R16-R Datasheet(HTML) 7 Page - Unisonic Technologies

  U74HC595AL-R16-R Datasheet HTML 1Page - Unisonic Technologies U74HC595AL-R16-R Datasheet HTML 2Page - Unisonic Technologies U74HC595AL-R16-R Datasheet HTML 3Page - Unisonic Technologies U74HC595AL-R16-R Datasheet HTML 4Page - Unisonic Technologies U74HC595AL-R16-R Datasheet HTML 5Page - Unisonic Technologies U74HC595AL-R16-R Datasheet HTML 6Page - Unisonic Technologies U74HC595AL-R16-R Datasheet HTML 7Page - Unisonic Technologies U74HC595AL-R16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
U74HC595A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-354.H
TIMING REQUIREMENTS (TA=25°С,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC=2V
80
ns
VCC=4.5V
16
ns
Pulse duration, SRCLK or RCLK
high or low
VCC=6V
14
ns
VCC=2V
80
ns
VCC=4.5V
16
ns
Pulse duration,
SRCLR Low
tW
VCC=6V
14
ns
VCC=2V
100
ns
VCC=4.5V
20
ns
Setup Time, SER before SRCLK↑
VCC=6V
17
ns
VCC=2V
75
ns
VCC=4.5V
15
ns
Setup Time, SRCLK↑ before RCLK↑
VCC=6V
13
ns
VCC=2V
50
ns
VCC=4.5V
10
ns
Setup Time,
SRCLR low before
RCLK↑
VCC=6V
9
ns
VCC=2V
50
ns
VCC=4.5V
10
ns
Setup Time,
SRCLR high (inactive)
before SRCLK↑
tSU
VCC=6V
9
ns
VCC=2V
3
ns
VCC=4.5V
3
ns
Hold Time, SER after SRCLK↑
tH
VCC=6V
3
ns
OPERATING CHARACTERISTIC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load
400
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com