Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P132CS Datasheet(PDF) 34 Page - NEC

Part # UPD17P132CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS Datasheet(HTML) 34 Page - NEC

Back Button UPD17P132CS Datasheet HTML 30Page - NEC UPD17P132CS Datasheet HTML 31Page - NEC UPD17P132CS Datasheet HTML 32Page - NEC UPD17P132CS Datasheet HTML 33Page - NEC UPD17P132CS Datasheet HTML 34Page - NEC UPD17P132CS Datasheet HTML 35Page - NEC UPD17P132CS Datasheet HTML 36Page - NEC UPD17P132CS Datasheet HTML 37Page - NEC UPD17P132CS Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 289 page
background image
CHAPTER 3 PROGRAM COUNTER (PC)
The program counter is used to specify an address in program memory.
3.1 PROGRAM COUNTER CONFIGURATION
Figure 3-1 shows the configuration of the program counter.
The program counters are 10-bit binary counters.
This program counter is incremented whenever an instruction is executed.
Figure 3-1. Program Counter
3.2 PROGRAM COUNTER OPERATION
Normally, the program counter is automatically incremented each time a command is executed. The memory
address at which the next instruction to be executed is stored is assigned to the program counter under the following
conditions: At reset; when a branch, subroutine call, return, or table referencing instruction is executed; or when
an interrupt is received.
Sections 3.2.1 to 3.2.7 explain program counter operating during execution of each instruction.
MSB
PC9
PC
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
LSB
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com