Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2425 Datasheet(PDF) 2 Page - NEC

Part # 2SD2425
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD2425 Datasheet(HTML) 2 Page - NEC

  2SD2425 Datasheet HTML 1Page - NEC 2SD2425 Datasheet HTML 2Page - NEC 2SD2425 Datasheet HTML 3Page - NEC 2SD2425 Datasheet HTML 4Page - NEC 2SD2425 Datasheet HTML 5Page - NEC 2SD2425 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D16157EJ1V0DS
2
2SD2425
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 50 V, IE = 0
10
µA
Emitter cutoff current
IEBO
VEB = 6.0 V, IC = 0
10
µA
DC current gain
hFE1
VCE = 1.0 V, IC = 0.1 A
60
180
−
DC current gain
hFE2
VCE = 1.0 V, IC = 2.0 A
100
200
400
−
DC current gain
hFE3
VCE = 2.0 V, IC = 5.0 A
50
150
−
Collector saturation voltage
VCE(sat)
IC = 2.0 A, IB = 0.2 A
90
300
mV
Base saturation voltage
VBE(sat)
IC = 2.0 A, IB = 0.2 A
0.9
1.2
V
Turn-on time
ton
0.6
µs
Storage time
tstg
0.8
µs
Fall time
tf
IC = 2.0 A, VCC= 10 V
IB1 =
−IB2 = 0.2 A
RL = 5.0
Ω
0.08
µs
hFE CLASSIFICATION
Marking
AB1
AB2
AB3
hFE2
100 to 200
160 to 320
200 to 400
TYPICAL CHARACTERISTICS (Ta = 25
°°°°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com