Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TC9205M
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TC9205M Datasheet HTML 3Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 4Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 5Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 6Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 10Page - List of Unclassifed Manufacturers TC9205M Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
TC9205M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
E3
GTxClk0
O
GMII transmit clock
U11 Vss 3.3
G
Digital ground for I/O
H1
TxEr0
I/Opd Transmit Error
E2
TxClk0
I
MII transmit clock
A2
Crs0
Is
MII carrier sense indication
A3
Col0
Is
MII collision indication
D4
RxEr0
Is
Receive Error
U8
Vdd 2.0
P
Digital +2.0V power supply for core
D3
RxClk0
I
MII receive clock
D1
RxDv0
Is
GMII/MII data valid
A1
RxData0_0
Is
GMII receive data - least significant nibble.
MII receive data
B3
RxData0_1
Is
GMII receive data - least significant nibble.
MII receive data
B2
RxData0_2
Is
GMII receive data - least significant nibble.
MII receive data
U16 Vss 2.0
G
Digital ground for core
B1
RxData0_3
Is
GMII receive data - least significant nibble.
MII receive data
C3
RxData0_4
Is
GMII receive data - most significant nibble
C2
RxData0_5
Is
GMII receive data - most significant nibble
C1
RxData0_6
Is
GMII receive data - most significant nibble
D2
RxData0_7
Is
GMII receive data - most significant nibble
U14 Vdd 3.3
P
Digital +3.3V power supply for I/O
U15 Vss 3.3
G
Digital ground for I/O
T1
TxData1_7
O
GMII transmit data - bits 7
R1
TxData1_6
O
GMII transmit data - bits 6
R2
TxData1_5
O
GMII transmit data - bits 5
U13 Vdd 2.0
P
Digital +2.0V power supply for core
R3
TxData1_4
O
GMII transmit data - bits 4
P3
TxData1_3
O
GMII/MII transmit data - bits 3
P2
TxData1_2
O
GMII/MII transmit data - bits 2
R17 Vss 2.0
G
Digital ground for core
TxData1_1
GMII/MII transmit data - bit 1
P1
Priclass1_1
I/Opd
Priority class - most significant bit.
PriClass[1] is latched on reset
TxData1_0
GMII/MII transmit data - least significant bit
N3
PriClass1_0
I/Opu
Priority class - least significant bit. Sets priority level per port basis.
PriClass[1] - '00' - port 1 low priority
PriClass[1] - '01' - port 1 has normal priority
PriClass[1] - '10' - port 1 has high priority
PriClass[1] - '11' - port 1 has very high priority
PriClass[1] is latched on reset
T3
TxEn1
O
GMII/MII transmit enable
M3
GTxClk1
O
GMII transmit clock
Confidential.
7/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com