Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3301 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD3301
Description  1W & 3W Light touch switch LED / head light drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD3301 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD3301 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD3301 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD3301 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD3301 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD3301
2 / 4
引脚信息
引脚序号
引脚名
引脚描述
LED-
VDD
GND
4
6
2
NC
3
1
NC
KG
5
1
NC
空脚
2
GND
地
3
NC
空脚
4
LED-
LED 负极
5
KG
开关
6
VDD
电源
订购信息
型号
封装类型
封装标识
包装
SOT23-6
3000
/卷
绝对最大额定值
VDD
供电电压
-0.3V to 5V
VI
输入电压
-0.3V to VDD+0.3V
TA
工作温度
-40°C to 85°C
TJ
结温
-40°C to 125°C
TSTG
储存温度
-65°C to 150°C
TSLD
焊接温度
300°C, 5sec
热阻参数
Parameter
Symbol
Package
MAX
UNIT
热阻(Junction to Ambient)
θ
JA
SOT23-6
250
°C/W
热阻(Junction to Case)
θ
JC
SOT23-6
130
°C/W
PCS
1W&3W轻触开关LED手电筒/头灯驱动
Shouding
SD3301
www.shouding.net
GB***



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com