Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3303 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD3303
Description  3W HIGH POWER WHITE LED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD3303 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD3303 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
July 2013
Pin Description
Pin
Number
Pin
Name
Function
1
SW
Switch
2
GND
Ground
3
FB
Feedback
4
SHDN
Shut Down
5
VOUT
Output
6
VIN
Input
Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Input Pin Voltage
-0.3 to +6
V
SW Pin Voltage
-0.3 to +6
SHDN, FB Pin Voltage
-0.3 to +6
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +125
Lead Temperature (Soldering, 5 sec)
300
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Junction Temperature
-40 to +125
°C
Ambient Temperature
-40 to +85
www.shouding.net
SD3303
3W HIGH POWER WHITE LED DRIVER
Shouding



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com