Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87XA-I/P Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC16F87XA-I/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87XA-I/P Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC16F87XA-I/P Datasheet HTML 69Page - Microchip Technology PIC16F87XA-I/P Datasheet HTML 70Page - Microchip Technology PIC16F87XA-I/P Datasheet HTML 71Page - Microchip Technology PIC16F87XA-I/P Datasheet HTML 72Page - Microchip Technology PIC16F87XA-I/P Datasheet HTML 73Page - Microchip Technology PIC16F87XA-I/P Datasheet HTML 74Page - Microchip Technology PIC16F87XA-I/P Datasheet HTML 75Page - Microchip Technology PIC16F87XA-I/P Datasheet HTML 76Page - Microchip Technology PIC16F87XA-I/P Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 71
PIC16F87XA
9.0
MASTER SYNCHRONOUS
SERIAL PORT (MSSP)
MODULE
9.1
Master SSP (MSSP) Module
Overview
The Master Synchronous Serial Port (MSSP) module is
a serial interface, useful for communicating with other
peripheral or microcontroller devices. These peripheral
devices may be serial EEPROMs, shift registers,
display drivers, A/D converters, etc. The MSSP module
can operate in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C)
- Full Master mode
- Slave mode (with general address call)
The I2C interface supports the following modes in
hardware:
•Master mode
• Multi-Master mode
• Slave mode
9.2
Control Registers
The MSSP module has three associated registers.
These include a status register (SSPSTAT) and two
control registers (SSPCON and SSPCON2). The use
of these registers and their individual configuration bits
differ significantly, depending on whether the MSSP
module is operated in SPI or I2C mode.
Additional details are provided under the individual
sections.
9.3
SPI Mode
The SPI mode allows 8 bits of data to be synchronously
transmitted and received simultaneously. All four
modes
of
SPI
are
supported.
To
accomplish
communication, typically three pins are used:
• Serial Data Out (SDO) – RC5/SDO
• Serial Data In (SDI) – RC4/SDI/SDA
• Serial Clock (SCK) – RC3/SCK/SCL
Additionally, a fourth pin may be used when in a Slave
mode of operation:
• Slave Select (SS) – RA5/AN4/SS/C2OUT
Figure 9-1 shows the block diagram of the MSSP
module when operating in SPI mode.
FIGURE 9-1:
MSSP BLOCK DIAGRAM
(SPI MODE)
Note:
When the SPI is in Slave mode with SS pin
control enabled (SSPCON<3:0> = 0100),
the state of the SS pin can affect the state
read back from the TRISC<5> bit. The
Peripheral OE signal from the SSP mod-
ule in PORTC controls the state that is
read back from the TRISC<5> bit (see
Section 4.3 “PORTC and the TRISC
Register” for information on PORTC). If
Read-Modify-Write instructions, such as
BSF
, are performed on the TRISC register
while the SS pin is high, this will cause the
TRISC<5> bit to be set, thus disabling the
SDO output.
Read
Write
Internal
Data Bus
SSPSR reg
SSPM3:SSPM0
bit0
Shift
Clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 Output
TOSC
Prescaler
4, 16, 64
2
Edge
Select
2
4
Data to TX/RX in SSPSR
TRIS bit
2
SMP:CKE
RC5/SDO
(
)
SSPBUF reg
RC4/SDI/SDA
RA5/AN4/
RC3/SCK/SCL
Peripheral OE
SS/C2OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com