Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW01KA Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # DW01KA
Description  Single lithium battery protection circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

DW01KA Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  DW01KA Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01KA Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01KA Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01KA Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01KA Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01KA Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01KA Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd DW01KA Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
允许向
0V电池充电功能
此功能用于对已经自放电到
0V的电池进行再充电。当连接在电池正极和电池负极之间的充电器电压,高于“向
0V电池充电的充电器起始电压”时,充电控制用MOSFET的门极固定为VDD端子的电位,由于充电器电压使
MOSFET的门极和源极之间的电压差高于其导通电压,充电控制用MOSFET导通,开始充电。这时,放电控制用
MOSFET仍然是关断的,充电电流通过其内部寄生二极管流过。当电池电压高于过放电检测电压时,DW01KA进
入正常工作状态。
注意:
1. 某些完全自放电后的电池,不允许被再次充电,这是由锂电池的特性决定的。请询问电池供应商,确认所
购买的电池是否具备
“允许向0V电池充电”的功能,还是“禁止向0V电池充电”的功能。
2. “允许向0V电池充电功能”比“充电过流检测功能”优先级更高。因此。使用“允许向0V电池充电”功能的IC,在
电池电压较低的时候会强制充电。电池电压低于过放电检测电压以下时,不能进行充电过流状态的检测。
时序图
过充电状态
→自放电状态→正常状态
DW01KA
锂电池保护电路



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com