Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPU150HF120D2 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # GPU150HF120D2
Description  IGBT Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

GPU150HF120D2 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  GPU150HF120D2 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd GPU150HF120D2 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd GPU150HF120D2 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 2 -
Rev1. 2017
Total 3 Pages
GPU150HF120D2
Electrical Characteristicsof IGBT(T
C=25℃unless otherwise noted )
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Units
BV
CES
Collector-EmitterBreakdownVoltage
V
GE=0V,IC= 250µA
1200
-
-
V
I
CES
Collector-Emitter Leakage Current
V
CE= 1200V, VGE=0V
-
-
250
µA
I
GES
Gate Leakage Current, Forward
V
GE=30V, VCE=0V
-
-
100
nA
Gate Leakage Current, Reverse
V
GE= -30V, VCE=0V
-
-
-100
nA
V
GE(th)
GateThresholdVoltage
V
GE=VCE,IC=250µA
4.5
-
5.7
V
V
CE(sat)
Collector-Emitter Saturation Voltage
V
GE=15V,IC=150A
-
3.2
3.6
V
Qg
Total Gate Charge
VCC=960V,VGE=15V
IC=150A
1300
nC
t d(on)
Turn-on Delay Time
VCC=600V
VGE=±15V
IC=150A
RG=10
Inductive Load
TC=25℃
-
68
-
ns
t r
Turn-on Rise Time
-
92
-
ns
t d(off)
Turn-off Delay Time
-
640
-
ns
t f
Turn-off Fall Time
-
110
-
ns
Eon
Turn-on Switching Loss
-
9.0
-
mJ
Eoff
Turn-off Switching Loss
-
7.3
-
mJ
Ets
Total Switching Loss
-
16.3
-
mJ
Cies
InputCapacitance
VCE=25V
VGE=0V
f = 1MHz
-
13
-
nF
Coes
OutputCapacitance
-
1.8
-
nF
Cres
ReverseTransferCapacitance
-
1.05
-
nF
RGint
Integrated gate resistor
f=1M;Vpp=1V
1.3
Ω
Electrical Characteristics of Diode(T
C=25℃unless otherwise noted)
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Units
V
F
Diode ForwardVoltage
I
F=150A
-
1.9
V
t r r
Diode Reverse Recovery Time
VCE = 600V
I
F=150A
dIF/dt = 500A/µs
-
126
ns
I r r
Diode peak Reverse Recovery Current
-
85
A
Qr r
Diode Reverse Recovery Charge
-
7.5
μC
Notes:
1.Repetitive Rating: Pulse width limited by maximum junction temperature



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com