Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1P15PR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1P15PR
Description  P-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1P15PR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1P15PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1P15PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1P15PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
OFF Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,IDS=-250µA
-150
-
-
V
Zero Gate Voltage Drain Current
IDSS
VGS=0V,VDS=-120V
-
-
-1
uA
Gate-Body Leakage
IGSS
VGS=
±20V,VDS=0V
-
-
±100
nA
ON Characteristics
Gate Threshold Voltage
VTH
VDS=VGS,IDS=-250µA
-1
-
-2.0
V
VGS=-10V,IDS=-1A
-
780
900-
Drain-Source On-State Resistance
RDS
VGS=-4.5V,IDS=-1A
-
880
1000-
mΩ
Dynamic Characteristics
Input Capacitance
Ciss
-
750
-
Output Capacitance
Coss
-
48
-
Reverse Transfer Capacitance
Crss
VDS=-75V
VGS=0V
Freq.=1MHz
-
20
-
pF
Switching Characteristics
Turn-On Delay Time
td(on)
-
12
-
Rise Time
tr
-
32
-
Turn-Off Delay Time
td(off)
-
30
-
Fall Time
tf
VDS=-75V
VGS=-10V
RG=3Ω
-
10
-
ns
Total Gate Charge at 10V
Qg
-
20
-
Gate to Source Gate Charge
Qgs
-
5
-
Gate to Drain “Miller” Charge
Qgd
VDS=-75V
VGS=-10V
IDS=-1A
-
8
-
nC
Drain-Source Diode Characteristics
Drain-Source Diode Forward Voltage
VSD
VGS=0V,IS=-1A
-0.4
-
-1.0
V
Notes:
1. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.
2. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθCA is determined by the user's board design. RθJA shown below for single device operation on FR-4 in still air.
HM1P15PR
Power MOSFET Datasheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com