Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2P10PR Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2P10PR
Description  P-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2P10PR Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2P10PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2P10PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2P10PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P-Channel Enhancement Mode MOSFET
FEATURES
◆
RDS(Typ.) < 250 mΩ@VGS = -10 V
◆
RDS(Typ.) < 300 mΩ@VGS = -4.5V
◆
Gross Die = 9600
APPLICATIONS
◆
Battery Charge
◆
Load Switching
◆
Power Converter
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-100
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous @ TA =25°C
ID
-5
A
Drain Current-Pulsed @ TA =25°C
Note1
IDM
-15
A
Maximum Power Dissipation
PD
2.1
W
Storage Temperature Range
TSTG
-55 to +150
°C
Operating Junction Temperature Range
TJ
-55 to +150
°C
Thermal Resistance, Junction-to-Ambient
Note2
RθJA
60
°C/W
D
G
S
Schematic diagram
SOT-89-3L top view
HM2P10PR
Power MOSFET Datasheet


Similar Part No. - HM2P10PR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2P10R HMSEMI-HM2P10R Datasheet
601Kb / 3P
P-Channel Enhancement Mode MOSFET
More results

Similar Description - HM2P10PR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com