Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD1250 Datasheet(PDF) 11 Page - Wavelength Electronics, Inc.

Part # PLD1250
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD1250 Datasheet(HTML) 11 Page - Wavelength Electronics, Inc.

Back Button PLD1250 Datasheet HTML 7Page - Wavelength Electronics, Inc. PLD1250 Datasheet HTML 8Page - Wavelength Electronics, Inc. PLD1250 Datasheet HTML 9Page - Wavelength Electronics, Inc. PLD1250 Datasheet HTML 10Page - Wavelength Electronics, Inc. PLD1250 Datasheet HTML 11Page - Wavelength Electronics, Inc. PLD1250 Datasheet HTML 12Page - Wavelength Electronics, Inc. PLD1250 Datasheet HTML 13Page - Wavelength Electronics, Inc. PLD1250 Datasheet HTML 14Page - Wavelength Electronics, Inc. PLD1250 Datasheet HTML 15Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
© 2019
www.teamWavelength.com
11
PLD SERIES LASER DIODE DRIVER
12
13
OR
LD Anode
LD Cathode
10
3
LD Enable
Closed = LD Enabled
Open = LD Disabled
11
_
+
+5 V
GND
(Internally Shorted)
9
6
7
4
8
5
Analog Input
P Monitor
(PD Current)
LIM I Monitor
LIM I Status
+
-
5 VDC
PD
LD
PD Anode
14
0.1 µF
Common
(Low Current)
GND
PD
LD
Short pin 9 to pin 6 when
analog input not in use.
Use caution when the PTC is combined
with a PLD laser driver: if the TEC or
thermistor is connected to the laser diode,
two power supplies are required and must
float independently of each other.
Optional External
Setpoint (0 to 5 V)
DVM
I Monitor
(Output Current)
10 k
Pull Up Resistor
Figure 10. Type A & B Laser Diode, Negative Power Supply Operation
12
13
LD Anode
LD Cathode
10
3
LD Enable
11
+5 V
GND
(Internally Shorted)
9
6
7
4
8
5
Analog Input
LIM I Monitor
LIM I Status
+
-
PD Cathode
15
Common
(Low Current)
PD
LD
OR
Closed = Output Enabled
Open = Output Disabled
+
-
10µF
+5V
0.1µF
8 to
12 VDC
Heatsinking
Required
LM 317
+5V REG.
732
243
1
3
2
330µF
0.1µF
This circuit shows how to use a single power supply.
The LM317 (+5 V Regulator) circuit can be replaced
with a separate 5 VDC power supply.
PD
LD
1
Aux V+
14
2
PD
Anode
PD
Aux
Use caution when the PLD is combined with a PTC
temperature controller: if the TEC or thermistor is
connected to the laser diode, two power supplies are
required and must float independently of each other.
Short pin 6 to pin 9 when
analog input is not used.
Optional External
Setpoint (0 to 5 V)
+5V
10 k
Pull Up Resistor
DMM
P Monitor
(PD Current)
I Monitor
(Output Current)
Figure 11. Type C Laser Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com