Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS5W/827 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CFS5W/827
Description  5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CFS5W/827 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CFS5W/827 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S8300
CFS5W/827
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S8300
Item Number
Product Line
UPC
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S8300
HyGrade
045923083006
5
T4
G23
G23
CFS5W/827
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
4.2''
230
12000
2700
Warm White
50
Hang Box
82
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
4.0 mg
Yes
Yes
2 Year Limited


Similar Part No. - CFS5W/827

ManufacturerPart #DatasheetDescription
logo
SICK AG
CFS50-AEV10X03 SICK-CFS50-AEV10X03 Datasheet
659Kb / 7P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
CFS50-AEV10X04 SICK-CFS50-AEV10X04 Datasheet
659Kb / 7P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
CFS50-AEV11X03 SICK-CFS50-AEV11X03 Datasheet
659Kb / 7P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
CFS50-AEV12X03 SICK-CFS50-AEV12X03 Datasheet
659Kb / 7P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
CFS50-AEV12X04 SICK-CFS50-AEV12X04 Datasheet
659Kb / 7P
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
2017-07-07
More results

Similar Description - CFS5W/827

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6700 SATCO-S6700 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S6701 SATCO-S6701 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
S6702 SATCO-S6702 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S6707 SATCO-S6707 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S6714 SATCO-S6714 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23-2 base
S8303 SATCO-S8303 Datasheet
124Kb / 1P
7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S8306 SATCO-S8306 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S8309 SATCO-S8309 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S8314 SATCO-S8314 Datasheet
123Kb / 1P
9 watt; pin-based Double Twin Compact Fluorescent; 2700K; 82 CRI; G23-2 base
S8360 SATCO-S8360 Datasheet
123Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com