Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS13W/835 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CFS13W/835
Description  13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX23 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CFS13W/835 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CFS13W/835 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S8311
CFS13W/835
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX23
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S8311
Item Number
Product Line
UPC
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S8311
HyGrade
045923083112
13
T4
GX23
GX23
CFS13W/835
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
7.1''
800
12000
3500
Neutral White
50
Hang Box
82
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
4.0 mg
Yes
Yes
2 Year Limited


Similar Part No. - CFS13W/835

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CFS13W/830 SATCO-CFS13W/830 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23 base
More results

Similar Description - CFS13W/835

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6710 SATCO-S6710 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX23 base
S6712 SATCO-S6712 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; GX23 base
S6713 SATCO-S6713 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; GX23 base
S6718 SATCO-S6718 Datasheet
124Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23-2 base
S6719 SATCO-S6719 Datasheet
124Kb / 1P
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX23-2 base
S6780 SATCO-S6780 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23 base
S8310 SATCO-S8310 Datasheet
122Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX23 base
S8313 SATCO-S8313 Datasheet
122Kb / 1P
13 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; GX23 base
S8319 SATCO-S8319 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX23-2 base
S8380 SATCO-S8380 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com