Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5530RGL Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # LD5530RGL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD5530RGL Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button LD5530RGL Datasheet HTML 8Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 9Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 10Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 11Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 12Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 13Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 14Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 15Page - List of Unclassifed Manufacturers LD5530RGL Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LD5530R
16
Leadtrend Technology Corporation
LD5530R-DS-01
Oct. 2013
Revision History
Rev.
Date
Change Notice
00
6/6/2013
Original Specification.
01
10/8/2013
Revision: Operating Current (OTP Pin Tripped / Latch), ICC-OPL1=0.7~0.98 mA
New: Symbols data for the parameters
Holding Current (Vcc=10V), ICC-OPL2=360~540 A
(VCC=Latch-Off Release Voltage+0.2V), ICC-OPL3 = 20~29 A
Internal OTP Latch Protection,
OTP Level=140
C, OTP Hysteresis=30C (Guaranteed by design)
OTP Trip Resistance (Guaranteed by design)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com