Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC51U68 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC51U68
Description  32-bit ARM Cortex-M0 MCU; 96 KB SRAM; 256 KB flash, Crystal-less USB operation, Flexcomm Interface, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC, Temperature sensor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC51U68 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC51U68 Datasheet HTML 2Page - NXP Semiconductors LPC51U68 Datasheet HTML 3Page - NXP Semiconductors LPC51U68 Datasheet HTML 4Page - NXP Semiconductors LPC51U68 Datasheet HTML 5Page - NXP Semiconductors LPC51U68 Datasheet HTML 6Page - NXP Semiconductors LPC51U68 Datasheet HTML 7Page - NXP Semiconductors LPC51U68 Datasheet HTML 8Page - NXP Semiconductors LPC51U68 Datasheet HTML 9Page - NXP Semiconductors LPC51U68 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
LPC51U68
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.3 — 18 May 2018
6 of 93
NXP Semiconductors
LPC51U68
32-bit ARM Cortex-M0+ microcontroller
5.
Block diagram
Fig 2.
LPC51U68 Block diagram
aaa-028910
USB FS
DEVICE
CONTROLLER
ARM
CORTEX M0+
FLASH
ACCELERATOR
FLASH
256 KB
DEBUG INTERFACE
2x 32-BIT TIMER (TIMER 3)
2x 32-BIT TIMER (TIMER 0, 1)
GPIO PIN INTERRUPTS
MULTILAYER AHB MATRIX
I/O CONFIGURATION
GPIO GROUP INTERRUPTS 0 AND 1
PERIPHERAL INPUT MUXES
MULTI-RATE TIMER
FREQUENCY MEASUREMENT UNIT
PMU REGISTERS
FLASH REGISTERS
FLEXCOMM Interfaces
5 THROUGH 7(1)
ADC: 5 Ms/s, 12 BIT, 12 ch.
TEMPERATURE SENSOR
GPIO
SCTIMER/PWM
FRACTIONAL RATE GENERATOR
SYSTEM FUNCTIONS: CLOCKING,
RESET, POWER, FLASH, ETC.
Serial Wire
Debug
USB bus
JTAG
boundary scan
CLKIN
CLKOUT
RESET
SYSTEM
DMA
CONTROLLER
CLOCK GENERATION,
POWER CONTROL,
AND OTHER
SYSTEM FUNCTIONS
POWER-ON-RESET
BROWNOUT DETECT
INTERNAL OSCILLATOR
SYSTEM PLL
BOOT AND DRIVER
ROM 32 KB
SRAMX
32 KB
SRAM0
64 KB
DMA
REGISTERS
USB
REGISTERS
ASYNC APB
BRIDGE
APB
BRIDGE 0
REAL TIME
CLOCK,
ALARM AND
WAKEUP
32.768 kHz
OSCILLATOR
WATCHDOG
OSCILLATOR
WINDOWED
WATCHDOG
MICRO TICK
TIMER
APB
BRIDGE 1
CRC
ENGINE
FLEXCOMM Interfaces
0 THROUGH 4(1)
RTC Power Domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com