Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3892 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3892
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3892 Datasheet HTML 16Page - Linear Technology LTC3892 Datasheet HTML 17Page - Linear Technology LTC3892 Datasheet HTML 18Page - Linear Technology LTC3892 Datasheet HTML 19Page - Linear Technology LTC3892 Datasheet HTML 20Page - Linear Technology LTC3892 Datasheet HTML 21Page - Linear Technology LTC3892 Datasheet HTML 22Page - Linear Technology LTC3892 Datasheet HTML 23Page - Linear Technology LTC3892 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
LTC3372
20
Rev. A
For more information www.analog.com
Burst Mode operation. However, continuous operation
has the advantage of lower output voltage ripple and less
interference to other circuitry. In forced continuous mode,
the output ripple is independent of load current. Clock-
ing the LTC3372 from an external source enables forced
continuous mode (see the Programming the Operating
Frequency section.)
When the PLL/MODE pin is connected for pulse-skipping
mode, the HV controller operates in PWM pulse-skipping
mode at light loads. In this mode, constant frequency
operation is maintained down to approximately 1% of
designed maximum output current. At very light loads,
the current comparator, ICMP, may remain tripped for
several cycles and force the external top MOSFET to stay
off for the same number of cycles (i.e., skipping pulses).
The inductor current is not allowed to reverse (discon-
tinuous operation). This mode, like forced continuous
operation, exhibits low output ripple as well as low noise
and reduced RF interference as compared to Burst Mode
operation. It provides higher low current efficiency than
forced continuous mode, but not nearly as high as Burst
Mode operation.
LOW VOLTAGE REGULATORS
Low Voltage Buck Switching Regulator
The LTC3372 contains eight low voltage (LV) monolithic
1Asynchronousbuckswitchingpowerstages.Eachpower
stage contains an integrated PMOS top-side switch and
a NMOS bottom-side switch. The eight power stages are
controlled by up to four constant frequency peak current
mode controllers. All of the switching regulators are
internally compensated and need only external feedback
resistors to set their output voltages.
Each LV buck switching regulator can operate with an
independent input voltage and has its own FB and EN
pins to maximize flexibility. The enable pins have two
different enable thresholds that depend on the operating
state of the other LV regulators. When all of the LV regu-
lators are disabled, the EN pin threshold is 0.73V . Once
any LV regulator is enabled, the EN pin thresholds of the
remaining LV regulators are set to a precision internal-
reference-based 400mV. This precision EN threshold may
be used to provide event based sequencing via feedback
from other previously enabled regulators.
It typically takes 1ms for the internal bias circuits (in-
cluding INTVCC) to be ready after the first time RUN or
any EN pin rises above 0.73V. All regulators are disabled
during internal circuit start-up time. When a LV regulator
is enabled there is an additional 150μs delay before the
soft start ramp begins. All LV regulators have soft start
and forward and reverse current limiting to control inrush
currentduringstart-upandtoprovideshort-circuitprotec-
tion in normal operation.
The LV buck switching regulators are phased in 90° steps
toreducenoiseandinputripple.Thephasestepdetermines
the fixed edge of the switching sequence, which is when
the PMOS turns on. The PMOS off (NMOS on) phase is
subject to the duty cycle demanded by the regulator. Buck
1 is set to 0°, Buck 2 is set to 90°, Buck 3 is set to 270°,
and Buck 4 is set to 180°. In shutdown all SW nodes are
high impedance. The buck regulator enable pins may be
tied to VOUTvoltagesthrougharesistordivider,toprogram
power-up sequencing.
LV Buck Regulators with Combined Power Stages
Up to four adjacent LV buck regulators may be combined
inamaster-slaveconfigurationbysettingtheconfiguration
via the C1, C2, and C3 pins. These pins should either be
tiedtogroundorpinstrappedtoINTVCCinaccordancewith
the desired configuration code (Table 1). Any combined
SW pins must be tied together, as must any of the com-
bined VIN pins. EN1 and FB1 are utilized by Buck 1, EN2
and FB2 by Buck 2, EN3 and FB3 by Buck 3, and EN4 and
FB4 by Buck 4. If any buck is not used or is not available
in the desired configuration, then the associated FB and
EN pins must be tied to ground.
Any available combination of 2, 3, or 4 adjacent buck
regulators serves to provide up to either 2A, 3A, or 4A
of average output load current. For example, code 110
(C3C2C1) configures Buck 1 to operate as a 4A regulator
through VINA-H/SWA-H pairs A, B, C, and D, while Buck
2 is disabled, Buck 3 operates as a 1A regulator through
VINA-H/SWA-H pair E, and Buck 4 operates as a 3A regula-
tor through VINA-H/SWA-H pairs F, G, and H.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com