Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASP07 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # ASP07
Description  AC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

ASP07 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  ASP07 Datasheet HTML 1Page - PAIRUI GROUP INC. ASP07 Datasheet HTML 2Page - PAIRUI GROUP INC. ASP07 Datasheet HTML 3Page - PAIRUI GROUP INC. ASP07 Datasheet HTML 4Page - PAIRUI GROUP INC. ASP07 Datasheet HTML 5Page - PAIRUI GROUP INC. ASP07 Datasheet HTML 6Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Protection
PRODUCT SPECIFICATION
www.pairuigroup.com
Page:3/4
PAIRUI ELECTRONICS
Short circuit
In hiccup mode, it will recover automatically after fault condition is removed;
No excessive heat, odor, or plastic deformation shall occur with no safety hazard
Over
temperature
130-150
℃, shut off output voltage, it will recover automatically after the
temperature turn to normal
Over current
When output current exceeds the rated range, it will be protected automatically,
and will recover automatically after fault condition is removed
Environment
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient operating
temperature
Startup at rated voltage
-20
/
℃
Operating relative humidity
Non condensing
10
90
%
Storagetemperature
Humidity 5 ~ 95% RH
-
40
+
85
℃
MTBF
Fullload, 220Vac input, 25
℃ambient
temperature
550
Khrs
Dimension(LxWxH)
41.0 x 35.0 x 21.5mm, pin length 4mm
Weight
58.2g
Safety/EMC
Safety
Design refer to UL/CUL60950, UL/CUL62368, IEC/EN60950, IEC/EN60335,
IEC/EN61558-2-16, IEC/EN62368
Withstand
voltage
I/P-O/P: 4KVAC, 5mA, 3s
EMI
Design refer to EN55032,EN55014,FCC part15,ClassB under 3dB margin
EMS
Design refer to
EN61000-3-2:2014,ClassA
EN61000-3-3:2013
IEC61000-4-2:2008 Contact Discharge±4KV,Air Discharge±8KV
IEC61000-4-3:2006+A1:2007+A2:2010
IEC61000-4-4:2012,±1KV
IEC61000-4-5:2014,±1KV
IEC61000-4-6:2013
IEC61000-4-11:2004
ac-dc converter
Updated 2019-V1.0-0320



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com