Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASQ03 Datasheet(PDF) 5 Page - PAIRUI GROUP INC.

Part # ASQ03
Description  AC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

ASQ03 Datasheet(HTML) 5 Page - PAIRUI GROUP INC.

  ASQ03 Datasheet HTML 1Page - PAIRUI GROUP INC. ASQ03 Datasheet HTML 2Page - PAIRUI GROUP INC. ASQ03 Datasheet HTML 3Page - PAIRUI GROUP INC. ASQ03 Datasheet HTML 4Page - PAIRUI GROUP INC. ASQ03 Datasheet HTML 5Page - PAIRUI GROUP INC. ASQ03 Datasheet HTML 6Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dimension & Pinout
PRODUCT SPECIFICATION
Electrical Curve
www.pairuigroup.com
Page:4/4
PAIRUI ELECTRONICS
PRI:
Pins 1-5: AC or DC Input
SEC:
Pin 7: DC Output +V
Pin 9: DC Output 0V
View from pins side
25.0±0.5
φ0.8
15.0
15.0
1
7
5
9
16.0±0.5
4.0±0.5
Ambient(
℃)
Power Derating Curve
4
3
2
0
1
-25 -15 -5 5 15 25 35 45 55 65 75 85 95
4
3
2
0
1
Power Derating Curve
Input voltage(Vac)
85
115
180
230
240
265
Unit: mm
ac-dc converter
Updated 2019-V1.0-0320



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com