Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASP10213 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # ASP10213
Description  AC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

ASP10213 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  ASP10213 Datasheet HTML 1Page - PAIRUI GROUP INC. ASP10213 Datasheet HTML 2Page - PAIRUI GROUP INC. ASP10213 Datasheet HTML 3Page - PAIRUI GROUP INC. ASP10213 Datasheet HTML 4Page - PAIRUI GROUP INC. ASP10213 Datasheet HTML 5Page - PAIRUI GROUP INC. ASP10213 Datasheet HTML 6Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2019-V1.0-0320
Specifications
AC-DC Converter
ASP10 Series, 10W
2019
PAIRUI ELECTRONICS
Tel: 86
(514) 8279 1592
Fax: 86 (514) 8769 3159
No. 545 Museum Road
Yangzhou, Jiangsu
China 225009


Similar Part No. - ASP10213

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
ASP11TEB CIT-ASP11TEB Datasheet
516Kb / 6P
CIT SWITCH
ASP11TEC CIT-ASP11TEC Datasheet
516Kb / 6P
CIT SWITCH
ASP11TED CIT-ASP11TED Datasheet
516Kb / 6P
CIT SWITCH
ASP11TEH CIT-ASP11TEH Datasheet
516Kb / 6P
CIT SWITCH
ASP11TES20 CIT-ASP11TES20 Datasheet
516Kb / 6P
CIT SWITCH
More results

Similar Description - ASP10213

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
ac-dc converter
logo
Rohm
BP5716 ROHM-BP5716 Datasheet
509Kb / 4P
AC/DC converter
BP5081B15 ROHM-BP5081B15 Datasheet
497Kb / 3P
AC/DC converter
logo
MORNSUN Science& Techno...
LH25-10B18 MORNSUN-LH25-10B18 Datasheet
253Kb / 2P
AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com