Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASP07205 Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # ASP07205
Description  AC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

ASP07205 Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  ASP07205 Datasheet HTML 1Page - PAIRUI GROUP INC. ASP07205 Datasheet HTML 2Page - PAIRUI GROUP INC. ASP07205 Datasheet HTML 3Page - PAIRUI GROUP INC. ASP07205 Datasheet HTML 4Page - PAIRUI GROUP INC. ASP07205 Datasheet HTML 5Page - PAIRUI GROUP INC. ASP07205 Datasheet HTML 6Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT SPECIFICATION
ac-dc converter
AC-DC Converter, ASP07 Series, 7.5W
Features
Compact Size, High Power Density
Universal Input Voltage Range: 85~264Vac/120~370Vdc
Low Standby Power Consumption<0.15W
Encapsulated Design and Same Footprint as EI38 Transformer
www.pairuigroup.com
Page:1/4
Output Voltage Range: 3.3VDC~24VDC
PAIRUI ELECTRONICS
Better Energetic Efficiency: Meet Requirements of Energy Star
and EC Code of Conduct
Protections: Short Circuit, Over Temperature, Over Current
Electrical
PartNumber
Nominal
Input Voltage
Output
Voltage
Output
Power
Max. Output
Current
Efficiency
Max. Ambient
Temp.
Certificate
ASP07200
85-265VAC
3.3V
7.5W
2270mA
74%
50
UL, CUL, CE,
CB, FCC
ASP07201
85-265VAC
5V
7.5W
1500mA
77%
70
UL, CUL, CE,
CB, FCC
ASP07202
85-265VAC
9V
7.5W
830mA
80%
70
UL, CUL, CE,
CB, FCC
ASP07203
85-265VAC
12V
7.5W
625mA
82%
70
UL, CUL, CE,
CB, FCC
ASP07204
85-265VAC
15V
7.5W
500mA
82%
70
UL, CUL, CE,
CB, FCC
ASP07205
85-265VAC
18V
7.5W
420mA
82%
70
UL, CUL, CE,
CB, FCC
ASP07206
85-265VAC
24V
7.5W
310mA
82%
70
UL, CUL, CE,
CB, FCC
Updated 2019-V1.0-0320



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com