Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBB22 Datasheet(PDF) 1 Page - WESTECH COMPONENT CO., LTD.

Part # CBB22
Description  Metallized Polypropylene Film Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTECH [WESTECH COMPONENT CO., LTD.]
Direct Link  http://www.wt.co.th/
Logo WESTECH - WESTECH COMPONENT CO., LTD.

CBB22 Datasheet(HTML) 1 Page - WESTECH COMPONENT CO., LTD.

  CBB22 Datasheet HTML 1Page - WESTECH COMPONENT CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CBB22 Metallized Polypropylene Film Capacitors
• Features: Small size, light weight, high insulation resistance, good self healing.
• Uses: Suitable for high current circuits and widely used in DC pulse sating, hi
frequency and high current circuits.
• In electronic lighting ballast and high voltage power, supplies of high frequency
and high pulse rise time circuits.
• According to user’s need, capacitor of non standard and special specification can
be produced.
Technical Specifications
Items
Characteristics
Standard
GB 10190
(IEC 384-16)
Climatic
55/085/21
250,400,630V
Rated voltage
Capacitance
Range
0.01-2.2 uF
Capacitance
Tolerance
±5%(J) ; ± 10% (K)
Voltage Proof
2.0UR (1-5s)
Insulation
Resistance
≥25000M Ω, CR ≤ 0.33uF
(20°C, 1min)
≥7500M Ω, CR ≤ 0.33uF
Dissipation
Factor
≤0.001 ( 1KHz)
≤0.002 ( 1KHz)
Dimension (mm)
100V
160V
200V
CR
(uR)
W
H
T
P
d
W
H
T
P
d
W
H
T
P
d
0.01
13.0
6.0
5.0
10.0
0.6
0.015
13.0
9.2
6.0
10.0
0.6
0.022
13.0
10.0
6.0
10.0
0.6
13.0
10.5
7.0
10.0
0.6
0.033
13.0
10.0
6.0
10.0
0.6
13.0
12.0
8.0
10.0
0.6
0.047
13.5
10.0
6.5
10.0
0.6
13.5
11.0
7.5
10.0
0.6
20.0
11.5
8.5
16.0
0.6
0.056
13.5
10.0
7.0
10.0
0.6
13.5
12.0
6.0
10.0
0.6
20.0
12.0
7.0
16.0
0.6
0.068
13.5
11.0
7.5
10.0
0.6
13.5
13.0
6.0
10.0
0.6
20.0
12.5
7.5
16.0
0.8
0.1
15.0
11.0
7.5
10.0
0.6
20.0
12.0
7.5
15.0
0.6
20.0
13.0
8.0
16.0
0.8
0.15
15.0
13.0
8.5
10.0
0.6
20.0
14.0
8.5
15.0
0.6
25.0
13.0
8.0
21.0
0.8
0.22
20.0
12.5
8.0
15.0
0.6
20.0
16.0
9.5
15.0
0.6
25.0
15.0
10.0
21.0
0.8
0.33
20.0
14.5
9.5
15.0
0.6
25.0
17.0
10.0
20.0
0.8
25.0
16.0
12.0
21.0
0.8
0.47
20.0
15.5
10.5
15.0
0.8
25.0
18.0
12.0
20.0
0.8
30.0
21.0
12.0
28.0
0.8
0.56
25.0
16.0
9.0
20.0
0.8
25.0
20.0
12.5
20.0
0.8
30.0
22.0
13.0
28.0
0.8
0.68
25.0
18.0
10.0
21.0
0.8
25.0
20.0
13.0
20.0
0.8
30.0
24.0
14.0
28.0
0.8
1.0
25.0
20.0
11.0
21.0
0.8
30.0
23.0
13.0
25.0
0.8
1.5
30.5
22.0
12.0
25.0
0.8
30.0
26.0
13.0
25.0
0.8
2.2
30.0
25.0
15.0
25.0
0.8
WesTech Component Co., Ltd


Similar Part No. - CBB22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBB22 ETC1-CBB22 Datasheet
136Kb / 2P
Metallized Polypropylene Film Capacitor
CBB221000 ETC1-CBB221000 Datasheet
136Kb / 2P
Metallized Polypropylene Film Capacitor
CBB22250 ETC1-CBB22250 Datasheet
136Kb / 2P
Metallized Polypropylene Film Capacitor
CBB22400 ETC1-CBB22400 Datasheet
136Kb / 2P
Metallized Polypropylene Film Capacitor
CBB22630 ETC1-CBB22630 Datasheet
136Kb / 2P
Metallized Polypropylene Film Capacitor
More results

Similar Description - CBB22

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com