Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6012AIGN Datasheet(PDF) 2 Page - Linear Technology

Part # LT6012AIGN
Description  Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6012AIGN Datasheet(HTML) 2 Page - Linear Technology

  LT6012AIGN Datasheet HTML 1Page - Linear Technology LT6012AIGN Datasheet HTML 2Page - Linear Technology LT6012AIGN Datasheet HTML 3Page - Linear Technology LT6012AIGN Datasheet HTML 4Page - Linear Technology LT6012AIGN Datasheet HTML 5Page - Linear Technology LT6012AIGN Datasheet HTML 6Page - Linear Technology LT6012AIGN Datasheet HTML 7Page - Linear Technology LT6012AIGN Datasheet HTML 8Page - Linear Technology LT6012AIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6011/LT6012
2
sn60112 60112fas
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
NC
+
+
A
B
D
C
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
+
+
A
B
D
C
Total Supply Voltage (V+ to V) .............................. 40V
Differential Input Voltage (Note 2) .......................... 10V
Input Voltage .................................................... V+ to V
Input Current (Note 2) .......................................
±10mA
Output Short-Circuit Duration (Note 3) ........... Indefinite
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
Specified Temperature Range (Note 5) ... – 40
°C to 85°C
ORDER PART
NUMBER
DD PART MARKING*
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL CONNECTED TO V
(PCB CONNECTION OPTIONAL)
LT6011CDD
LT6011IDD
LT6011ACDD
LT6011AIDD
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
B
A
ORDER PART
NUMBER
S8 PART MARKING
LT6011CS8
LT6011IS8
LT6011ACS8
LT6011AIS8
6011
6011I
6011A
6011AI
TJMAX = 150°C, θJA = 190°C/W
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
Maximum Junction Temperature
DD Package ..................................................... 125
°C
All Other Packages .......................................... 150
°C
Storage Temperature Range
DD Package ..................................... – 65
°C to 125°C
All Other Packages .......................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LACD
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 110°C/W
LT6012CS
LT6012IS
LT6012ACS
LT6012AIS
*Temperature and electrical grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
GN PART MARKING
LT6012CGN
LT6012IGN
LT6012ACGN
LT6012AIGN
6012
6012I
6012A
6012AI
TJMAX = 150°C, θJA = 135°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com