Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T25D80ASIPT Datasheet(PDF) 67 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D80ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D80ASIPT Datasheet(HTML) 67 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D80ASIPT Datasheet HTML 63Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 64Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 65Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 66Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 67Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 68Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 69Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 70Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 71Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
67
8.1. Absolute Maximum Ratings
Stresses above the values mentioned as following may cause permanent damage to the device. These
values are for a stress rating only and do not imply that the device should be operated at conditions up to or
above these values.
Table 8.2(1) Absolute Maximum Rating
PARAMETERS(2)
SYMBOL
CONDITIONS
RANGE
UNIT
Supply Voltage
VCC
-0.6 to +4.0
V
Voltage applied on any pin
VIO
Relative to Ground
-0.6 to VCC+0.4
V
Transient Voltage on any Pin
VIOT
<20ns Transient Relative to
Ground
-2.0 to VCC+2.0
V
Storage Temperature
TSTG
-65 to +150
℃
Lead Temperature
TLEAD
See Note(3)
℃
Electrostatic Discharge Voltage
VESD
Human Body Model(4)
-2000 to +2000
V
Notes:
(1)Specification for
HM25Q128A is preliminary. See preliminary designation at the end of this document.
(2)This device has been designed and tested for the specified operation ranges. Proper operation outside these levels is not
guaranteed. Exposure to absolute maximum ratings may affect device reliability. Exposure beyond absolute maximum ratings
may cause permanent damage.
(3)Compatible to JEDEC Standard J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and the European directive
on restrictions on hazardous substances (RoHS) 2002/95/EU.
(4)JEDEC Std. JESD22-A114A (C1=100 pF, R1=1500 ohms, R2=500 ohms).
8.2. Recommended Operating Ranges
Table 8.3 Recommended Operating Ranges
PARAMETER
SYMBOL
CONDITIONS
SPEC
UNIT
MIN
MAX
Supply Voltage
VCC(1)
FR=104MHz,fR=80MHz
2.7
3.6
V
FR=80MHz,fR=50MHz
2.3
2.7
V
Ambient Temperature,
Operating
TA
Industrial
-40
+85
℃
Notes:
(1)Recommended Operating Ranges define those limits between which the functionality of the device is guaranteed.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com