Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAA3528SEEZGGVBDS Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AAA3528SEEZGGVBDS
Description  3.5 x 2.8 mm Surface Mount LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AAA3528SEEZGGVBDS Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AAA3528SEEZGGVBDS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGGVBDS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGGVBDS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGGVBDS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGGVBDS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAO5019 / 1201008878 Rev No: V.3B Date: 09/03/2018
Page 2 / 5
AAA3528SEEZGGVBDS
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Hyper Red
Green
Blue
630
520
465
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Hyper Red
Green
Blue
621
525
470
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Hyper Red
Green
Blue
20
35
22
-
nm
Capacitance
C
Hyper Red
Green
Blue
25
100
100
-
pF
Forward Voltage IF = 20mA
VF
[2]
Hyper Red
Green
Blue
2.0
3.2
3.3
2.5
4.0
4.0
V
Reverse Current (VR = 5V)
IR
Hyper Red
Green
Blue
-
10
50
50
uA
Temperature Coefficient of λpeak
IF = 20mA, -10°C ≤ T ≤ 85°C
TCλpeak
Hyper Red
Green
Blue
0.13
0.05
0.04
-
nm/°C
Temperature Coefficient of λdom
IF = 20mA, -10°C ≤ T ≤ 85°C
TCλdom
Hyper Red
Green
Blue
0.06
0.03
0.03
-
nm/°C
Temperature Coefficient of VF
IF = 20mA, -10°C ≤ T ≤ 85°C
TCV
Hyper Red
Green
Blue
-1.9
-2.9
-2.9
-
mV/°C
Parameter
Symbol
Value
Unit
Hyper Red
Green
Blue
Power Dissipation
PD
mW
Reverse Voltage
VR
5
5
5
V
Junction Temperature
Tj
115
115
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
30
30
30
mA
Peak Forward Current
IFM
[1]
195
100
100
mA
Electrostatic Discharge Threshold (HBM)
-
3000
450
250
V
Thermal Resistance (Junction / Ambient)
Rth JA
[2]
285
215
430
°C/W
Thermal Resistance (Junction / Solder point)
Rth JS
[2]
155
95
320
°C/W
75
120
120
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd: ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. 1/10Duty Cycle , 0.1ms Pulse Width .
2. Rth JA, Rth JS Results from mounting on PC board FR4 (pad size≥16 mm
2 per pad).
3. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com