Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32CSIG Datasheet(PDF) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q32CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q32CSIG Datasheet(HTML) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q32CSIG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSIG Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSIG Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSIG Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSIG Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSIG Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSIG Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSIG Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSIG Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q32C
74
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2014-10-22
1.1
Modify ORDERING INFORMATION
Add note on STATUS REGISTER
P52
2015-2-10
1.2
Modify ELECTRICAL CHARACTERISTICS
P46-51
2015-3-6
1.3
Add package USON8 (3*3mm)
P60
2015-5-18
1.4
Modify DC CHARACTERISTICS:ICC9
Modify Package WSON 8 (6*5mm)
Modify Package TFBGA-24BALL (6*4 ball array)
Modify Package TFBGA-24BALL (5*5 ball array)
Modify Package USON8 (3*3mm)
P48
P57
P58
P59
P60
2015-6-11
1.5
Modify Package VSOP8 208MIL
P55
2015-7-17
1.6
Modify Package TFBGA-24BALL (6*4 ball array)
Modify Package TFBGA-24BALL (5*5 ball array)
P58
P59
2015-7-22
1.7
Add Package USON8 (4*3mm)
P61
2015-8-26
1.8
Modify ORDERING INFORMATION
P52
2015-9-16
1.9
Modify AC CHARACTERISTICS: tCHCL Min.0.2 V/ns Change to
0.1 V/ns
tCLCH Min.0.2 V/ns Change to 0.1 V/ns
Modify POWER-ON TIMING: tPUW Min 1ms Change to 5ms
Modify Figure 40. Power-on Timing Sequence Diagram
P49
P49
P46
P46
2015-11-4
2.0
Modify ORDERING INFORMATION
P52
2015-12-14
2.1
Modify AC CHARACTERISTICS: add tRST_R & tRST_P & tRST_E
Modify POWER-ON TIMING: TVSL Min 10us Change to 5ms
P50
P46
2015-12-18
2.2
Modify DC CHARACTERISTICS
Modify Figure 40. Power-on Timing Sequence Diagram
Modify Power-on Timing: Delete tPUW
Modify ORDERING INFORMATION
Modify PACKAGE INFORMATION
P48
P46
P46
P52
P53
2016-2-18
2.3
Add PACKAGE SOP8 150MIL
P62
2016-3-10
2.4
Modify ORDERING INFORMATION
Modify Power-on Timing:VWI Min 1V Change to 2.1V
Modify Hardware Protection Mode
P52
P46
P9
2016-4-22
2.5
Modify Typo
All
2016-5-25
2.6
Deleted 8.3 DATA RETENTION AND ENDURANCE
Modify Icc2:Typ 0.1uA change to 1uA and Max 1uA change to 5uA
P46
P48
2016-11-9
2.7
Modify Feature: Add Allows XIP(execute in place)operation
Modify VWI:Min.2.1V change to Min.1.5V
Modify VCC: -0.6 to 4.0V Change to-0.6 to 4.2V
Modify Absolute maximum Ratings: Delete Output Short Circuit
Current 200mA
P4
P46
P46
P46
2017-2-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com