Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1549 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1549
Description  2A High Efficiency Step-Up DC/DC Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1549 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1549 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1549 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1549 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1549 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1549 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1549 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
■ 电学特性参数
(VIN=5V,Ta=25℃,除非另有指定)
■ 典型特性曲线
效率
线性调整度和负载调整度
项目
符号
条件
最小值
典型值
最大值
单位
输出电压
VOUT
-
2.5
28
V
输入电压
VIN
-
2
-
24
输入欠压保护
UVLO_F
1.7
2
V
欠压保护迟滞
UVLO_HYS
-
-
100
-
mV
关断电流
IOFF
VEN<VENL
-
0.01
1
µA
无负载电流
IC
VIN=3.6V,VOUT=5V
-
100
-
μA
反馈基准电压
VR
VOUT=5V
588
600
612
mV
开关频率
FS
IOUT=1.2A
-
1.2
-
MHz
最大占空比
DMAX
VFB=0V
85
-
-
%
功率管内阻
RDSON
VIN=3.6V,ISW=2A
-
80
150
mΩ
开关电流
ISW
VIN=4.2V
-
4
-
A
线性调整度
ΔVLINE
IOUT=1.2A,VIN=3V 到 4.2V
-
0.4
-
%
负载调整度
ΔVLOAD
VIN=3.6V,IOUT=10mA 到 1.2A
-
0.45
-
%
EN 高电平
VENH
VIN=3.6V
1.2
-
-
V
EN 低电平
VENL
VIN=3.6V
-
-
0.4
V
SW 端漏电流
ISW_L
VSW=20V
1
uA
过热关断温度
TSHD
VIN=3.6V,IOUT=10mA
-
160
-
℃
HM1549



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com