Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1594 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1594
Description  Maximum output 18W, integrated fast charge output protocol (DCP/QC2.0/QC3.0/FCP/AFC) step-down SOC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1594 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1594 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1594 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1594 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1594 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1594 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1594 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1594 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1594 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1594 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
8 电气特性
除特别说明,TA=25℃,L=22uH,COUT=220uF E-cap(About 100mΩ ESR),VIN=12V,VOUT=5V
参数
符号
测试条件
最小值
典型值
最大值
单位
输入系统
输入电压
VIN
9.6
12
32
V
输入欠压阈值
VIN-UV
上升电压
9.6
V
下降电压
9.1
V
输入过压阈值
VIN-OV
上升电压
31.5
32
V
恢复迟滞电压
0.2
V
输入静态电流
IQ
VIN=12V,VOUT=5V@0A
1.5
mA
功率开关系统
上管导通电阻
RDS(ON)
30
mΩ
下管导通电阻
RDS(ON)
20
mΩ
开关频率
FSW
150
KHz
输出系统
输出电压
VOUT
3
5
12
V
输出电压纹波
ΔVOUT
VIN=12V,VOUT=5V@3A
135
mV
VIN=12V,VOUT=9V@2A
75
mV
VIN=24V,VOUT=12V@1.5A
180
mV
备注:按照 Demo 板参考设计下的测试典型值
软启动时间
TSS
VIN=12V,VOUT=5V
450
us
输出线补电压
VCOMP
VIN=12V,VOUT=5V,IOUT=3A
300
mV
输出 CC 模式
最大电流
IOUT
VIN=12V,VOUT<=4V
3.4
A
VIN=12V,4V<VOUT<=5V
3.4
A
VIN=12V,7V<VOUT<=9V
2
A
VIN=24V,9V<VOUT<=12V
1.5
A
输出打嗝重启
电压
VOUT
输出进入 CC 模式后,输出打嗝重
启电压
2.6
V
热关断温度
TOTP
上升温度
155
℃
热关断温度迟
滞
ΔTOTP
40
℃
HM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com