Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32CSJG Datasheet(PDF) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q32CSJG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q32CSJG Datasheet(HTML) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25Q32CSJG Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSJG Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSJG Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSJG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSJG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSJG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSJG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSJG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSJG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q32C
4
1.
FEATURES
◆32M-bit Serial Flash
◆Fast Program/Erase Speed
-4096K-Byte
-Page Program time: 0.6ms typical
-256 Bytes per programmable page
-Sector Erase time: 50ms typical
-Block Erase time: 0.15/0.25s typical
◆Standard, Dual, Quad SPI
-Chip Erase time: 15s typical
-Standard SPI: SCLK, CS#, SI, SO, WP#, HOLD#
-Dual SPI: SCLK, CS#, IO0, IO1, WP#, HOLD#
◆Flexible Architecture
-Quad SPI: SCLK, CS#, IO0, IO1, IO2, IO3
-Uniform Sector of 4K-Byte
-Uniform Block of 32/64K-Byte
◆High Speed Clock Frequency
-120MHz for fast read with 30PF load
◆Low Power Consumption
-Dual I/O Data transfer up to 240Mbits/s
-1
μA typical deep power down current
-Quad I/O Data transfer up to 480Mbits/s
-1
μA typical standby current
◆Software/Hardware Write Protection
◆Advanced Security Features(1)
-Write protect all/portion of memory via software
-128-bit Unique ID
-Enable/Disable protection with WP# Pin
-3x1024-Byte Security Registers With OTP Locks
-Top/Bottom Block protection
-Discoverable parameters (SFDP) register
◆Minimum 100,000 Program/Erase Cycles
◆Single Power Supply Voltage
-Full voltage range: 2.7~3.6V
◆Data Retention
-20-year data retention typical
◆Package Information
-SOP8 (208mil)
◆Allows XIP (execute in place) Operation
-SOP8 (150mil)
-Continuous Read With 8/16/32/64-Byte Wrap
-VSOP8 (208mil)
-DIP8 (300mil)
-WSON8 (6*5mm)
-USON8 (3*3mm)
-USON8 (3*4mm)
-TFBGA-24 (6*4 ball array)
-TFBGA-24 (5*5ball array)
Note: 1.Please contact GigaDevice for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com