Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1597 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1597
Description  Maximum output 24W, integrated with various fast charge output protocols
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1597 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1597 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1597 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1597 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1597 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1597 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1597 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1597 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1597 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1597 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
开关频率
FS
200
KHz
输出系统
输出电压
VOUT
3
5
12
V
输出电压纹波
ΔV
OUT
VIN=12V,VOUT=5V@3A
120
mV
VIN=12V,VOUT=9V@2A
120
mV
VIN=24V,VOUT=12V@1.5A
120
mV
备注:按照 Demo 板参考设计下的测试典型值
软启动时间
TSS
VIN=12V,VOUT=5V
10
ms
输出线补电压
VCOMP
VIN=12V,VOUT=5V,IOUT=1A
50
mV
输出 CC 模式
最大电流
IOUT
VIN=12V,VOUT<=4V
3.6
A
VIN=12V,4V<VOUT<=5V
3.6
A
VIN=12V,5V<VOUT<=7V
3
A
VIN=12V,7V<VOUT<=9V
2.5
A
VIN=24V,9V<VOUT<=12V
2
A
输出打嗝重启电压
VOUT
输出进入 CC 模式后,输出打嗝重启电压
2.7
V
热关断温度
TOTP
上升温度
140
℃
热关断温度迟滞
ΔT
OTP
40
℃
HM1597



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com