Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32CBEG Datasheet(PDF) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q32CBEG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q32CBEG Datasheet(HTML) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q32CBEG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CBEG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CBEG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CBEG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CBEG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CBEG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CBEG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CBEG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CBEG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q32C
64
GD25Q32CZEG
32Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q32CBEG
32Mbit
TFBGA-24ball (5x5 Ball Array)
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q32CTFG
32Mbit
SOP8 150mil
GD25Q32CSFG
32Mbit
SOP8 208mil
GD25Q32CVFG
32Mbit
VSOP8 208mil
GD25Q32CPFG
32Mbit
DIP8 300mil
GD25Q32CHFG
32Mbit
USON8 (3x3mm)
GD25Q32CNFG
32Mbit
USON8 (3x4mm)
GD25Q32CWFG
32Mbit
WSON8 (6x5mm)
GD25Q32CZFG
32Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q32CBFG
32Mbit
TFBGA-24ball (5x5 Ball Array)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com