Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM5001AS Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM5001AS
Description  18W Fast Charger Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM5001AS Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM5001AS Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM5001AS Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM5001AS Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM5001AS+RM6314AD
18W 快速充电器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
序号
原件名称
规格型号
用量
位号
封装要求
1
保险丝
250V,1A
1
F1
DIP
2
贴片电阻
2.7M,0.125W,±5%
2
R1 R2
SMD0805
3
贴片电阻
240Ω,0.25W,±5%
1
R3
SMD1206
4
贴片电阻
1.8Ω,0.25W,±5%
2
R4 R5
SMD1206
5
贴片电阻
800Ω,0.125W,±5%
1
R6
SMD0805
6
贴片电阻
100KΩ,0.25W,±5%
1
R7
SMD1206
7
贴片电阻
2.2Ω,0.125W,±5%
1
R8
SMD0805
8
贴片电阻
47Ω,0.1W,±5%
1
R9
SMD0603
9
贴片电阻
500Ω,0.1W,±5%
2
R10
SMD0603
10
贴片电阻
0.033Ω,1W,±5%
1
R11
SMD2512
11
贴片电阻
1KΩ,0.1W,±5%
2
R12 R13
SMD0603
12
贴片电阻
39KΩ,0.1W,±5%
1
R14
SMD0603
13
贴片电阻
4.3KΩ,0.1W,±5%
1
R15
SMD0603
14
贴片电阻
390KΩ,0.1W,±5%
1
R16
SMD0603
15
贴片电阻
20Ω, 0.25W ±5%
1
R17
SMD1206
16
贴片电阻
2KΩ,0.1W,±5%
1
R18
SMD0603
17
电解电容
15μf,400V,X7R,±10%
2
C1 C1A
Ф10*13mm
18
电解电容
10μf,50V,X7R,±10%
1
C2
Ф5*11mm
19
贴片电容
22nF,50V X7R,±20%
1
C3
SMD0603
20
贴片电容
106,50V,X7R,±20%
1
C5
SMD1206
21
涤纶电容
4.7nF,1KV,±10%
1
C6
DIP
22
电解电容
470μf,16V X7R
2
C7 C8
Ф6*11mm
23
贴片电容
100nF,50V X7R,±20%
2
C9 C10
SMD0603
24
贴片电容
1nF,1KV X7R,±20%
1
C11
SMD1206
25
Y 电容
Y1 2.2nF,400V
1
CY1
P=10mm
26
二极管
A7,0.5A,1KV
2
D1 D2
SOD-123FL
27
二极管
SR5100,5A,100V
1
D3
DO-201AD
28
整流桥
ABS8,1A,800V
1
BD1
SOP4
29
稳压管
ZMM18V,0.5W,LL34
1
Z1
SMD1206
30
三极管
MMBT3904
1
Q1
SOT23
31
芯片
RM6314AD
1
U1
DIP8
32
芯片
RM5001AS
1
U2
SOP8
33
USB
USB2.0
1
U3
10*13mm
34
光耦
PC817
1
U4
DIP4
35
插件电感
1.5mH
1
L1
DIP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com