Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1668 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1668
Description  Power CMOS process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1668 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1668 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1668 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1668 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1668 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1668 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1668 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1668 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1668 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1668 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
下降时间
TTHZ
CL=300pF、Segn、Gridn
-
-
120
us
最大时钟频率
Fmax
占空比
50%
1
-
-
MHz
输入电容
CI
-
-
-
15
pF
3.3.3、时序特性(Ta= -20℃~+70℃,VDD=4.5V~5.5V)
参数
符号
测试条件
最小
典型
最大
单位
时钟脉冲宽度
PWCLK
-
400
-
-
ns
选通脉冲宽度
PWSTB
-
1
-
-
μs
数据建立时间
tSETUP
-
100
-
-
ns
数据保持时间
tHOLD
-
100
-
-
ns
CLK→STB 时间
tCLK STB
CLK↑→STB↑
1
-
-
μs
等待时间
tWAIT
CLK↑→CLK↓
1
-
-
μs
4、时序图与端口操作说明、指令系统介绍
4.1、时序图
HM1668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com