Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2287PVC-1 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2287PVC-1
Description  100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2287PVC-1 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2287PVC-1 Datasheet HTML 1Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 2Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 3Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY2287
3
Function Table
SEL2[2]
SEL1
SEL0
CPU
(MHz)
SDRAM
(MHz)
3V66
(MHz)
PCI
(MHz)
USB
(MHz)
REF
(MHz)
APIC[4]
(MHz)
APIC[5]
(MHz)
0
0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
1
TCLK[3]/2
TCLK/2
TCLK/3
TCLK/8
TCLK/2
TCLK
TCLK/16
TCLK/8
0
1
0
66.67
100
66.67
33.33
48
14.318
16.67
33.33
0
1
1
100
100
66.67
33.33
48
14.318
16.67
33.33
1
0
0
66.67
100
66.67
33.33
48
14.318
16.67
33.33
1
0
1
100
100
66.67
33.33
48
14.318
16.67
33.33
1
1
0
66.67
100
66.67
33.33
48
14.318
16.67
33.33
1
1
1
100
100
66.67
33.33
48
14.318
16.67
33.33
Spread Spectrum[2]
SEL2[2]
SEL1
SEL0
Spread Spectrum Margin
X
000
N/A
X
001
N/A
0
XXX
N/A
1
010
–0.6%
1
011
–0.6%
1
100
–0.25%
1
101
–0.25%
1
110
–0.4%
1
111
–0.4%
Actual Clock Frequency Values
Clock Output
Target
Frequency (MHz)
Actual
Frequency (MHz)
PPM
CPUCLK
66.67
66.288
–5230
CPUCLK
100.0
99.432
–5680
USBCLK
48.0
48.008
+167
Notes:
2.
Not a dedicated input pin. This selection must be addressed via I2C interface.
3.
TCLK supplied on the XTALIN pin in Test Mode.
4.
SEL33 = LOW (power-on latch input).
5.
SEL33 = HIGH (power-on latch input).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com