Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV511
Description  880 nA, Rail-to-Rail Input and Output Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV511 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LPV511 Datasheet HTML 1Page - National Semiconductor (TI) LPV511 Datasheet HTML 2Page - National Semiconductor (TI) LPV511 Datasheet HTML 3Page - National Semiconductor (TI) LPV511 Datasheet HTML 4Page - National Semiconductor (TI) LPV511 Datasheet HTML 5Page - National Semiconductor (TI) LPV511 Datasheet HTML 6Page - National Semiconductor (TI) LPV511 Datasheet HTML 7Page - National Semiconductor (TI) LPV511 Datasheet HTML 8Page - National Semiconductor (TI) LPV511 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
12V Electrical Characteristics (Note 5) (Continued)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, V
+ = 12V, V= 0V, V
CM =VO =V
+/2, and R
L = 100 k
Ω to
V
+/2. Boldface limits apply to the temperature range of −40˚C to 85˚C.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 7)
Max
(Note 6)
Units
SR
Slew Rate (Note 11)
A
V = +1, VO ramped from 1V to 11V
5.25
3.10
7.0
V/ms
GBW
Gain Bandwidth Product
R
L =1M
Ω,C
L=50pF
25
kHz
Phase Margin
R
L =1M
Ω,C
L=50pF
52
deg
e
n
Input-Referred Voltage Noise
f = 100 Hz
320
nV/
i
n
Input-Referred Current Noise
f = 10 Hz
.02
pA/
f = 1 kHz
.01
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Tables.
Note 2: Human Body Model: 1.5 k
Ω in series with 100 pF. Machine Model: 0Ω in series with 200 pF.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 4: Output short circuit duration is infinite for V+ < 6V at room temperature and below. For V+ > 6V, allowable short circuit duration is 1.5 ms.
Note 5: Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device.
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlations using the Statistical Quality
Control (SQC) method.
Note 7: Typical values represent the most likely parametric norm at the time of characterization.
Note 8: Offset voltage average drift is determined by dividing the change in VOS at temperature extremes into the total temperature change.
Note 9: Positive current corresponds to current flowing into the device.
Note 10: The Short Circuit Test is a momentary test. See (Note 4).
Note 11: Slew rate is the average of the rising and falling slew rates.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com