Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5905 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5905
Description  Silicon NPN triple diffusion mesa type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5905 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5905 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5905 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5905 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5905
2
SJD00306BED
PC  Ta
IC  VCE
IC  VBE
VCE(sat)  IC
hFE  VCE
tf  IB(END)
tstg  IB(END)
Area of safe operation
Area of safe operation (Horizontal operation)
3
2
1
0
0
50
100
150
Ambient temperature T
a (°C)
Without heat sink
0
2
4
6
8
10
02
4
6
8
10
1.6 A
1.4 A
1.2 A
1.0 A
0.8 A
0.6 A
0.4 A
0.2 A
IB
= 0 A
Collector-emitter voltage V
CE (V)
Base-emitter voltage V
BE (V)
0
4
8
12
0
0.4
0.8
1.2
Ta
= 120°C
−40°C
25
°C
Collector current I
C (A)
10−2
10−1
1
10
10−1
1102
10
Ta
= 120°C
−40°C
25
°C
1
10
102
10−2
10−1
110
102
Ta
= 120°C
−40°C
25
°C
Collector-emitter voltage V
CE (V)
Base current I
B(END) (A)
0
200
400
600
800
1 000
0.4
0.8
1.2
1.6
fH
= 32 kHz
IC
= 10 A
L load
0
0.4
0.8
1.2
1.6
2.0
0.4
0.8
1.2
1.6
Base current I
B(END) (A)
fH
= 32 kHz
IC
= 10 A
L load
Collector-emitter voltage V
CE (V)
10−1
10−2
10−3
10
1
102
110
102
103
ICP
= 30 A
IC
= 20 A
DC operation
t
= 100 µs
1 ms
10 ms
TC
= 25°C
Single pulse
PC
= 70 W
30
20
10
0
01 000
500
1 500
2 000
Collector-emitter voltage V
CE (V)
< 1 mA
f
H = 32 kHz, TC < 90°C
ASO for a single
pulse load caused by
EHT flashover during
horizontal operation.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com