Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3168 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3168
Description  6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3168 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3168 Datasheet HTML 9Page - Analog Devices ADP3168 Datasheet HTML 10Page - Analog Devices ADP3168 Datasheet HTML 11Page - Analog Devices ADP3168 Datasheet HTML 12Page - Analog Devices ADP3168 Datasheet HTML 13Page - Analog Devices ADP3168 Datasheet HTML 14Page - Analog Devices ADP3168 Datasheet HTML 15Page - Analog Devices ADP3168 Datasheet HTML 16Page - Analog Devices ADP3168 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADP3168
Rev. B | Page 13 of 24
APPLICATION INFORMATION
The design parameters for a typical Intel VRD 10 compliant
CPU application are as follows:
•
Input voltage (VIN) = 12 V
•
VID setting voltage (VVID) = 1.500 V
•
Duty cycle (D) = 0.125
•
Nominal output voltage at no load (VONL) = 1.480 V
•
Nominal output voltage at 65 A load (VOFL) = 1.3955 V
•
Static output voltage drop based on a 1.3 mΩ load line (RO)
from no load to full load
•
(VD) = VONL − VOFL = 1.480 V − 1.3955 V = 84.5 mV
•
Maximum output current (IO) = 65 A
•
Maximum output current step (∆IO) = 60 A
•
Number of phases (n) = 3
•
Switching frequency per phase (fSW) = 267 kHz
SETTING THE CLOCK FREQUENCY
The ADP3168 uses a fixed-frequency control architecture. The
frequency is set by an external timing resistor (RT). The clock
frequency and the number of phases determine the switching
frequency per phase, which relates directly to switching losses
and the sizes of the inductors and input and output capacitors.
With n = 3 for three phases, a clock frequency of 800 kHz sets
the switching frequency, fSW, of each phase to 267 kHz, which
represents a practical trade-off between the switching losses and
the sizes of the output filter components. Figure 3 shows that to
achieve an 800 kHz oscillator frequency, the correct value for RT
is 249 kΩ. Alternatively, the value for RT can be calculated using
()
Ω
M
5
.
1
1
pF
83
.
5
1
−
×
×
=
SW
T
f
n
R
(1)
where 5.83 pF and 1.5 MΩ are internal IC component values.
For good initial accuracy and frequency stability, a 1% resistor
is recommended.
SOFT START AND CURRENT LIMIT LATCH-OFF
DELAY TIMES
Because the soft-start and current limit latch-off delay functions
share the DELAY pin, these two parameters must be considered
together. The first step is to set CDLY for the soft-start ramp. This
ramp is generated with a 20 µA internal current source. The
value of RDLY has a second-order impact on the soft-start time
because it sinks part of the current source to ground. However,
as long as RDLY is kept greater than 200 kΩ, this effect is minor.
The value for CDLY can be approximated using
VID
ss
DLY
VID
DLY
V
t
R
V
A
C
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
µ
=
2
20
(2)
where tSS is the desired soft-start time. Assuming an RDLY of
390 kΩ and a desired a soft-start time of 3 ms, CDLY is 36 nF.
The closest standard value for CDLY is 39 nF. Once CDLY has been
chosen, RDLY can be calculated for the current-limit latch-off
time using
DLY
DELAY
DLY
C
t
R
×
=
96
.
1
(3)
If the result for RDLY is less than 200 kΩ, a smaller soft-start time
should be considered by recalculating the equation for CDLY, or a
longer latch-off time should be used. In no case should RDLY be
less than 200 k . In this example, a delay time of 8 ms gives
RDLY = 402 kΩ. The closest standard 5% value is 390 kΩ.
INDUCTOR SELECTION
The choice of inductance for the inductor determines the
ripple current in the inductor. Less inductance leads to more
ripple current, which increases the output ripple voltage and
conduction losses in the MOSFETs but allows using smaller
inductors and, for a specified peak-to-peak transient deviation,
less total output capacitance. Conversely, a higher inductance
means lower ripple current and reduced conduction losses but
requires larger inductors and more output capacitance for the
same peak-to-peak transient deviation. In any multiphase con-
verter, a practical value for the peak-to-peak inductor ripple
current is less than 50% of the maximum dc current in the
same inductor. Equation 4 shows the relationship between
the inductance, oscillator frequency, and peak-to-peak ripple
current in the inductor.
Equation 5 can be used to determine the minimum inductance
based on a given output ripple voltage.
(
)
L
f
D
V
I
SW
VID
R
×
−
×
=
1
(4)
(
)
(
)
RIPPLE
SW
O
VID
V
f
D
n
R
V
L
×
×
−
×
×
≥
1
(5)
Solving Equation 5 for a 10 mV p-p output ripple voltage yields:
(
)
nH
456
mV
10
kHz
267
375
.
0
1
Ω
m
3
.
1
V
5
.
1
=
×
−
×
×
≥
L
If the resulting ripple voltage is less than that designed for, the
inductor can be made smaller until the ripple value is met. This
allows optimal transient response and minimum output
decoupling.
The smallest possible inductor should be used to minimize the
number of output capacitors. Choosing a 600 nH inductor is a
good starting point and gives a calculated ripple current of
8.2 A. The inductor should not saturate at the peak current of
25.8 A and should be able to handle the sum of the power
dissipation caused by the average current of 22.7 A in the
winding and core loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com