Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-2J04-F05MZ Datasheet(PDF) 2 Page - SICK AG

Part # SSL-2J04-F05MZ
Description  Plug connectors cables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SSL-2J04-F05MZ Datasheet(HTML) 2 Page - SICK AG

  SSL-2J04-F05MZ Datasheet HTML 1Page - SICK AG SSL-2J04-F05MZ Datasheet HTML 2Page - SICK AG SSL-2J04-F05MZ Datasheet HTML 3Page - SICK AG SSL-2J04-F05MZ Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SSL-2J04-F05MZ
Ordering information
Type
Part no.
SSL-2J04-F05MZ
6048254
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connection cables
Connection type head A
Male connector, RJ45, 4-pin, straight
Connection type head B
Male connector, M12, 4-pin, angled, D-coded
Cable
5 m, 4-wire, CAT5, CAT5e, PVC
Jacket material
PVC
Jacket color
Green (RAL 6018)
Cable diameter
6.5 mm
Conductor cross-section
0.34 mm²
Shielding
Shielded
Bending radius
Flexible use > 7 x cable diameter
Stationary position > 3 x cable diameter
Signal type
PROFINET, EtherCAT®
Transmission characteristics
CAT5
Data transmission rate
≤ 100 Mbit/s
Enclosure rating
IP65/ IP67/ IP69K (M12), IP20 (RJ45)
Description
Head A: male connector, RJ45, 4-pin, straight, D coded Head B: male connector, M12, 4-pin,
angled Cable: PVC, shielded, 4 x 0.34 mm², Ø 6.5 mm
Ambient operating temperature
Stationary position –20 °C ... +60 °C
Classifications
ECl@ss 5.0
19030312
ECl@ss 5.1.4
19030312
ECl@ss 6.0
27060304
ECl@ss 6.2
27060304
ECl@ss 7.0
27060304
ECl@ss 8.0
27060304
ECl@ss 8.1
27060304
ECl@ss 9.0
27060304
ETIM 5.0
EC000830
ETIM 6.0
EC000830
2
| SICK
Online data sheet | 2018-11-17 00:23:45
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com