Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JCB Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79C987JCB
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JCB Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C987JCB Datasheet HTML 7Page - Advanced Micro Devices AM79C987JCB Datasheet HTML 8Page - Advanced Micro Devices AM79C987JCB Datasheet HTML 9Page - Advanced Micro Devices AM79C987JCB Datasheet HTML 10Page - Advanced Micro Devices AM79C987JCB Datasheet HTML 11Page - Advanced Micro Devices AM79C987JCB Datasheet HTML 12Page - Advanced Micro Devices AM79C987JCB Datasheet HTML 13Page - Advanced Micro Devices AM79C987JCB Datasheet HTML 14Page - Advanced Micro Devices AM79C987JCB Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AMD
P R E L I M I N A R Y
11
Am79C987
Table 1. Summary of All the HIMIB Device Registers
Register
Bytes
Access
Status Register
Note: Read the C Port for Status
1
R
No Need to Specify the Port or Register Number
Port/Register Bank
P[4:0]
Register
R[4:0]
Bytes
Access
Repeater Registers
0
Source Address Match
10
6
R/W
Total Octets
12
4
R
Transmit Collisions
13
4
R
Configuration Register
16
1
R/W
Version/Device ID
28
1
R
IMR+ Management Port Set Register
30
1
W
IMR+ Management Port Get Register
31
1
R/W
Port Status Registers
1
TP Partition Status Change
0
1
R
AUI Partition Status Change
1
1
R
TP Link Status Change
2
1
R
AUI Loop Back Error
3
1
R
Reserved
4
AUI SQE Test Error
5
1
R
TP Source Address Change
6
1
R
AUI Source Address Change
7
1
R
TP Source Address Match Status
8
1
R
AUI Source Address Match Status
9
1
R
Port Control Registers
2
TP Partition Change Interrupt Enable
0
1
R/W
AUI Partition Change Interrupt Enable
1
1
R/W
TP Link Status Change Interrupt Enable
2
1
R/W
AUI Loop Back Error Interrupt Enable
3
1
R/W
Reserved
4
AUI SQE Test Error Interrupt Enable
5
1
R/W
TP Source Address Change Interrupt Enable
6
1
R/W
AUI Source Address Change Interrupt Enable
7
1
R/W
Attribute Registers
16–23, 31
Readable Frames
0
4
R
Readable Octets
1
4
R
Frame Check Sequence Errors
2
4
R
Alignment Errors
3
4
R
Frames Too Long
4
4
R
Short Events
5
4
R
Runts
6
4
R
Collisions
7
4
R
Late Events
8
4
R
Very Long Events
9
4
R
Data Rate Mismatches
10
4
R
Auto Partitions
11
4
R
Source Address Changes
12
4
R
Reserved
13
Last Source Address
14
6
R/W
Note that all register locations listed as reserved and those which might be accessed by values or combinations of P and R which
are not listed in the table above should not be accessed by the software. Read/write access to reserved registers may cause
incorrect operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com