Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16TT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS16TT1
Description  Silicon Switching Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16TT1 Datasheet(HTML) 2 Page - ON Semiconductor

  BAS16TT1 Datasheet HTML 1Page - ON Semiconductor BAS16TT1 Datasheet HTML 2Page - ON Semiconductor BAS16TT1 Datasheet HTML 3Page - ON Semiconductor BAS16TT1 Datasheet HTML 4Page - ON Semiconductor BAS16TT1 Datasheet HTML 5Page - ON Semiconductor BAS16TT1 Datasheet HTML 6Page - ON Semiconductor BAS16TT1 Datasheet HTML 7Page - ON Semiconductor BAS16TT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BAS16TT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Forward Voltage
(IF = 1.0 mA)
(IF = 10 mA)
(IF = 50 mA)
(IF = 150 mA)
VF
—
—
—
—
715
866
1000
1250
mV
Reverse Current
(VR = 75 V)
(VR = 75 V, TJ = 150°C)
(VR = 25 V, TJ = 150°C)
IR
—
—
—
1.0
50
30
µA
Capacitance
(VR = 0, f = 1.0 MHz)
CD
—
2.0
pF
Reverse Recovery Time
(IF = IR = 10 mA, RL = 50 Ω) (Figure 1)
trr
—
6.0
ns
Stored Charge
(IF = 10 mA to VR = 6.0 V, RL = 500 Ω) (Figure 2)
QS
—
45
PC
Forward Recovery Voltage
(IF = 10 mA, tr = 20 ns) (Figure 3)
VFR
—
1.75
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com