Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q64CSIS Datasheet(PDF) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q64CSIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q64CSIS Datasheet(HTML) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q64CSIS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q64C
12
2. This feature is available on special order (GD25Q64CxxSx). Please contact GigaDevice for details.
QE bit.
The Quad Enable (QE) bit is a non-volatile Read/Write bit in the Status Register that allows Quad operation. When the QE
bit is set to 0 (Default) the WP# pin and HOLD# pin are enable. When the QE pin is set to 1, the Quad IO2 and IO3 pins are
enabled. (It is best to set the QE bit to 0 to avoid short issue if the WP# or HOLD# pin is tied directly to the power supply or
ground.)
LB3, LB2, LB1, bits.
The LB3, LB2, LB1, bits are non-volatile One Time Program (OTP) bits in Status Register (S13-S11) that provide the write
protect control and status to the Security Registers. The default state of LB3-LB1 are 0, the security registers are unlocked.
The LB3-LB1 bits can be set to 1 individually using the Write Register instruction. The LB3-LB1 bits are One Time
Programmable, once they are set to 1, the Security Registers will become read-only permanently.
CMP bit
The CMP bit is a non-volatile Read/Write bit in the Status Register (S14). It is used in conjunction with the BP4-BP0 bits to
provide more flexibility for the array protection. Please see the Status registers Memory Protection table for details. The
default setting is CMP=0.
SUS1, SUS2 bit
The SUS1 and SUS2 bit are read only bits in the status register (S15 and S10) that are set to 1 after executing an
Program/Erase Suspend (75H) command (The Erase Suspend will set the SUS1 to 1,and the Program Suspend will set the
SUS2 to 1). The SUS1 and SUS2 bit are cleared to 0 by Program/Erase Resume (7AH) command, software reset (66H+99H)
command as well as a power-down, power-up cycle.
HPF bit
The High Performance Flag (HPF) bit is read only bit, that indicates the status of High Performance Mode (HPM). When
HPF bit is set to 1, it means the device is in High Performance Mode. When HPF bit is set to 0 (default), it means the device
is not in High Performance Mode.
DRV1, DRV0 bits
The DRV1 & DRV0 bits are used to determine the output driver strength for the Read operations.
DRV1, DRV0
Driver Strength
00
100%
01
75% (default)
10
50%
11
25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com