Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q64CPIS Datasheet(PDF) 72 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q64CPIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q64CPIS Datasheet(HTML) 72 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q64CPIS Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPIS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPIS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPIS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPIS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPIS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPIS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPIS Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPIS Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q64C
72
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
---
2014-06-12
1.1
Modify ordering information
Add note on STATUS REGISTER
---
2015-02-10
1.2
Modify ELECTRICAL CHARACTERISTICS
---
2015-3-9
1.3
Modify DC CHARACTERISTICS:Icc9
Modify Package WSON 8 (6*5mm)
Modify Package TFBGA-24BALL (6*4 ball array)
---
2015-6-12
1.4
Modify Package SOP8 208MIL
---
2015-7-20
1.5
Modify Package TFBGA-24BALL (6*4 ball array)
---
2015-7-23
1.6
Modify AC CHARACTERISTICS: tCHCL Min.0.2 V/ns Change to
0.1 V/ns
tCLCH Min.0.2 V/ns Change to 0.1 V/ns ; Modify fR ;Add fC3;
Modify POWER-ON TIMING: tPUW Min 1ms Change to 5ms
Modify Figure 40. Power-on Timing Sequence Diagram
---
2015-11-9
1.7
Modify POWER-ON TIMING: tVSL Min 10us Change to 5ms
---
2015-12-16
1.8
Modify AC CHARACTERISTICS: add tRST_R & tRST_P & tRST_E
---
2015-12-18
1.9
Modify ORDERING INFORMATION
---
2016-1-4
2.0
Add Package USON8 (4*4mm)
---
2016-1-26
2.1
Modify Program Security Registers
Modify DC CHARACTERISTICS
Modify Figure 40. Power-on Timing Sequence Diagram
Modify Power-on Timing: Delete tPUW
Modify Package WSON 8 (5*6mm)
---
2016-2-17
2.2
Modify General Description
---
2016-5-18
2.3
Delete Data Retention and endurance
---
2016-6-20
2.4
Modify Write Enable for Volatile Status Register(50H)
Modify Chip Erase(CE)(60/C7H)
Modify Program/Erase Suspend(PES)(75H)
Modify Package WSON8 (6*5mm)
Modify Features: Add Allows XIP(execute in place)operation
Modify TFBGA-24Ball(6*4 ball array)
Add Valid Part Numbers
---
2016-7-21
2.5
Modify ORDERING INFORMATION
P53
2017-2-14
2.6
Modify ORDERING INFORMATION
P53
2017-3-8
2.7
Add Package WSON (8*6mm)
P58
2017-4-28
2.8
Modify Icc4, Icc5, Icc6, Icc7 and Icc8 max. value from 15mA to
20mA
Modify Icc9 max. value from 800uA to 1.2mA
P49
P49
2017-8-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com