Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25R256DFIR Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIR Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIR Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
39
Figure 36 Page Program Sequence Diagram (ADS=1)
Figure 37 Page Program with 4-Byte Address Sequence Diagram (ADS=0 or ADS=1)
Command
0
1
2
3
4
5
6
7
12H
CS#
SCLK
SI
8
9 10
36 37 38 39
3
2
1
0
31 30 29
32-bit address
58 59 60 61
57
62 63
56
6
5
4
3
2
1
0
7
CS#
SCLK
SI
MSB
Data Byte 2
7
6
5
4
3
2
1
0
MSB
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
Data Byte 1
Data Byte 3
Data Byte 256
MSB
MSB
MSB
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
Command
0
1
2
3
4
5
6
7
02H
CS#
SCLK
SI
8
9 10
36 37 38 39
3
2
1
0
31 30 29
32-bit address
58 59 60 61
57
62 63
56
6
5
4
3
2
1
0
7
CS#
SCLK
SI
MSB
Data Byte 2
7
6
5
4
3
2
1
0
MSB
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
Data Byte 1
Data Byte 3
Data Byte 256
MSB
MSB
MSB
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com