Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25S512MDFIS Datasheet(PDF) 68 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S512MDFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S512MDFIS Datasheet(HTML) 68 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25S512MDFIS Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 87 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S512MD
68
Table 23. Parameter Table (1): GigaDevice Flash Parameter Tables
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
Vcc Supply Maximum Voltage
3600H=3.600V
91H:90H
15:00
3600H
3600H
Vcc Supply Minimum Voltage
2700H=2.700V
93H:92H
31:16
2700H
2700H
HW Reset# pin
0=not support
1=support
95H:94H
00
0b(1)
F99CH
HW Hold# pin
0=not support
1=support
01
0b
Deep Power Down Mode
0=not support
1=support
02
1b
SW Reset
0=not support
1=support
03
1b
SW Reset Opcode
Should be issue Reset Enable (66H)
before Reset cmd.
11:04
1001 1001b
(99H)
Program Suspend/Resume
0=not support
1=support
12
1b
Erase Suspend/Resume
0=not support
1=support
13
1b
Unused
14
1b
Wrap-Around Read mode
0=not support
1=support
15
1b
Wrap-Around Read mode Opcode
99H
23:16
77H
77H
Wrap-Around Read data length
08H:support 8B wrap-around read
16H:8B&16B
32H:8B&16B&32B
64H:8B&16B&32B&64B
97H
31:24
64H
64H
Individual block lock
0=not support
1=support
99H:98H
00
0b
CBFC/
EBFCH
Individual block lock bit
(Volatile/Nonvolatile)
0=Volatile
1=Nonvolatile
01
0b
Individual block lock Opcode
09:02
FFH
Individual block lock Volatile
protect bit default protect status
0=protect
1=unprotect
10
0b
Secured OTP
0=not support
1=support
11
1b
Read Lock
0=not support
1=support
12
0b
Permanent Lock
0=not support
1=support
13
0/1b(2)
Unused
15:14
11b
Chip Type
0=stack die
1=one die
9BH:9AH
16
0b
E358H
Die Amount
00=2 dies
01=4 dies
10=reserved
11=reserved
18:17
00b
Support for Software Die Select
Command. Instruction = C2H
0=not support
1=support
19
1b
Support for Read Active Die ID
Command. Instruction = F8H
0=not support
1=support
20
1b
Chip Density ID
28:21
1AH
Unused
31:29
111b
NOTE:
1. GD25S512MDxxRx of the SOP16 and TFBGA packages, a dedicated RESET# pin is provided.
2. GD25S512MDxxSx support Permanent Lock. Please contact GigaDevice for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com