Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2007 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2007
Description  Wireless Charger for 5W to 20W Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2007 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2007 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Stresses exceeding the absolute maximum ratings may damage the device or make the function abnormal. All the
voltage parameters are absolute voltages referenced to IC PGND unless otherwise stated in the table.
Parameter
Symbol
Min.
Max.
Units
Logic & low-side supply voltage
VCC
-0.3
6.5
V
BOOT to PHASE
VBP
-0.3
5.5
PHASE to GND
VP
-0.3
24
UGATE
Vug
Vphase-0.3V
Vboot+0.3V
LGATE
Vlg
GND-0.3V
VCC+0.3V
Logic input voltage
PWM/EN
-0.3
6.5
Thermal resistance, junction to ambient 1
RthJA
-
TBD
°C/W
Junction temperature
TJ
-40
+150
°C
Storage temperature
TS
-40
+150
°C
Soldering lead temperature (duration 10s)
TL
-
260
°C
Note 1: RthJA are only guaranteed by design.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Units
Logic & low-side supply voltage
VCC
3.3
-
5.5
V
Logic input voltage
PWM/EN
0
-
5.5
Operating temperature
Toper
-30
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com