Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25S512MDFIR Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S512MDFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S512MDFIR Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25S512MDFIR Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S512MD
10
4.
DEVICE OPERATION
4.1. Stacked Die Operations
Once the device is power on, Die #0 will be active and have control of SPI bus. “Software Die Select (C2H)” instruction
followed by the 8-bit Die ID can be used to select the active die. The active die is available to accept any instruction issued
by the controller and perform specific operations. The inactive/idle die does not accept any other instruction except the
“Software Die Select (C2H)” and “Software Reset (66H+99H)”. However, the inactive/idle die can still perform internal
Program/Erase
operation which was initiated when the die was active. Therefore, “Read (on Active die) while Program/Erase
(on Idle die)” and “Multi–die Program/Erase (both Active & Idle dies)” concurrent operations are feasible in the stack die
configuration. “Software Die Select (C2H)” instruction will only change the active / idle status of the stacked dies, and it will
not interrupt any on-going Program/Erase operations.
“0”
“1”
B7H
E9H
Die #1
4-Byte
Address
3-Byte
Address
SPI
Dual SPI
Quad SPI
SPI
Dual SPI
Quad SPI
ID = #1
ADP=?
“0”
“1”
B7H
E9H
Die #0
4-Byte
Address
3-Byte
Address
SPI
Dual SPI
Quad SPI
SPI
Dual SPI
Quad SPI
ADP=?
(default active after power is up)
ID = #0
Software
Die Select (C2H)
Device Initialization
& Status Register Refresh
(Non-Volatile Cells)
Power Up
Note: ADP bit in the Status Register is only used to determine 3-Byte or 4-Byte address modes during
power up. Changing ADP bit value will not switch the address modes during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com