Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STR730F
Description  ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STR730F Datasheet HTML 14Page - STMicroelectronics STR730F Datasheet HTML 15Page - STMicroelectronics STR730F Datasheet HTML 16Page - STMicroelectronics STR730F Datasheet HTML 17Page - STMicroelectronics STR730F Datasheet HTML 18Page - STMicroelectronics STR730F Datasheet HTML 19Page - STMicroelectronics STR730F Datasheet HTML 20Page - STMicroelectronics STR730F Datasheet HTML 21Page - STMicroelectronics STR730F Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
STR73xF Data Brief
18/22
129 E7
91
P6.0
I/O
TT
WUP0 8mA X
X
Port 6.0
130 F7
P6.1
I/O
TT
WUP1 2mA X
X
Port 6.1
131 B6
92
P6.2/RDI3
I/O
TT
WUP2 2mA X
X
Port 6.2 UART3: Receive Data input
132 C6
P6.3
I/O
TT
WUP3 2mA X
X
Port 6.3
133 D6
93
P6.4/TDO3
I/O
TT
WUP4 2mA X
X
Port 6.4 UART3: Transmit Data output
134 E6
P6.5
I/O
TT
WUP5 2mA X
X
Port 6.5
135 A5
94
P6.6
I/O
TT
WUP6 2mA X
X
Port 6.6
136 B5
P6.7
I/O
TT
WUP7 2mA X
X
Port 6.7
137 C5
95
P6.8/RDI0
I/O
TT
WUP10 2mA X
X
Port 6.8 UART0: Receive Data input
138 A3
96
P6.9/TDO0
I/O
TT
2mA X
X
Port 6.9 UART0: Transmit Data output
139 A2
P6.10
I/O
TT
WUP8 2mA X
X
Port
6.10
140 D5
97
P6.11/MISO0
I/O
TT
2mA X
X
Port
6.11
BSPI0: Master input/Slave output
141 A4
98
P6.12/MOSI0
I/O
TT
2mA X
X
Port
6.12
BSPI0: Master Output/Slave input
142 B4
99
P6.13/SCK0
I/O
TT
WUP11 2mA X
X
Port
6.13
BSPI0: Serial Clock
143 C4 100 P6.14/SS0I/O
TT
2mA X
X
Port
6.14
BSPI0: Slave Select
144 B3
P6.15
I/O
TT
WUP9 2mA X
X
Port
6.15
Table 3. STR73xF Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com